Electronic Components Datasheet Search
  English  ▼

X  

95293 Datasheet(PDF) 6 Page - Amphenol Communications Solutions

Part # 95293
Description  BergStik® Headers Straight Unshrouded
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

95293 Datasheet(HTML) 6 Page - Amphenol Communications Solutions

Back Button 95293 Datasheet HTML 2Page - Amphenol Communications Solutions 95293 Datasheet HTML 3Page - Amphenol Communications Solutions 95293 Datasheet HTML 4Page - Amphenol Communications Solutions 95293 Datasheet HTML 5Page - Amphenol Communications Solutions 95293 Datasheet HTML 6Page - Amphenol Communications Solutions 95293 Datasheet HTML 7Page - Amphenol Communications Solutions 95293 Datasheet HTML 8Page - Amphenol Communications Solutions 95293 Datasheet HTML 9Page - Amphenol Communications Solutions 95293 Datasheet HTML 10Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.amphenol-cs.com
Disclaimer
Please note that the above information is subject to change without notice.
BergStik® Headers Stacking Unshrouded
PART NUMBER SELECTOR - STACKING UNSHROUDED HEADERS
54121
Y
XX
XX
XXXX
LF
BASE PART NUMBER
Stack height (in mm)
Example for stack height: 1270 = 12.70mm
Plating Option
1
0.76µm GXT® on contact area
4
2µm tin on contact area
8
0.38µm GXT® on contact area
Other plating options available upon request
Pin Style (OAL)
See selection guide below.
Available upon request
Lead-free compatibility
Total number of positions
PART OVERVIEW
Description
Part Numbers
Unshrouded Stacking Header, Vertical, Single Row, TMT
54121
Unshrouded Stacking Header, Vertical, Single Row, Press-Fit
10124323
Unshrouded Stacking Header, Vertical, Double Row, TMT
54122
Unshrouded Stacking Header, Vertical, Double Row, SMT
54242
Unshrouded Stacking Header, Vertical, Double Row, Press-Fit
10112620



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com