Electronic Components Datasheet Search
  English  ▼

X  

54121 Datasheet(PDF) 3 Page - Amphenol Communications Solutions

Part # 54121
Description  BergStik® Headers Straight Unshrouded
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

54121 Datasheet(HTML) 3 Page - Amphenol Communications Solutions

  54121 Datasheet HTML 1Page - Amphenol Communications Solutions 54121 Datasheet HTML 2Page - Amphenol Communications Solutions 54121 Datasheet HTML 3Page - Amphenol Communications Solutions 54121 Datasheet HTML 4Page - Amphenol Communications Solutions 54121 Datasheet HTML 5Page - Amphenol Communications Solutions 54121 Datasheet HTML 6Page - Amphenol Communications Solutions 54121 Datasheet HTML 7Page - Amphenol Communications Solutions 54121 Datasheet HTML 8Page - Amphenol Communications Solutions 54121 Datasheet HTML 9Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.amphenol-cs.com
Disclaimer
Please note that the above information is subject to change without notice.
BergStik® Headers Straight Unshrouded
PART NUMBER SELECTOR - STRAIGHT UNSHROUDED HEADERS
77311
Y
XX
XX
LF
BASE PART NUMBER
Plating Option
1
0.76µm GXT® on contact area
4
2µm tin on contact area
8
0.38µm GXT® on contact area
Other plating options available upon request
Lead-free compatibility
Total number of positions
Description
Part Numbers
Unshrouded Header, Straight, Single Row, TMT
77311
Unshrouded Header, Straight, Single Row, SMT
95293
Unshrouded Header, Straight, Single Row, Press-Fit
93689
Unshrouded Header, Straight, Double Row, TMT
77313
Unshrouded Header, Straight, Double Row, SMT
95278
Unshrouded Header, Straight, Double Row, Press-Fit
93690
Pin Style
01
Mating side = 5.84mm
Solder side = 2.41mm
02
Mating side = 5.84mm
Solder side = 3.42mm
18
Mating side = 5.84mm
Solder side = 3.05mm
Other pin styles available upon request



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com