Electronic Components Datasheet Search
  English  ▼

X  

57202 Datasheet(PDF) 8 Page - Amphenol Communications Solutions

Part # 57202
Description  Minitek® Crimp-to-Wire
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

57202 Datasheet(HTML) 8 Page - Amphenol Communications Solutions

Back Button 57202 Datasheet HTML 4Page - Amphenol Communications Solutions 57202 Datasheet HTML 5Page - Amphenol Communications Solutions 57202 Datasheet HTML 6Page - Amphenol Communications Solutions 57202 Datasheet HTML 7Page - Amphenol Communications Solutions 57202 Datasheet HTML 8Page - Amphenol Communications Solutions 57202 Datasheet HTML 9Page - Amphenol Communications Solutions 57202 Datasheet HTML 10Page - Amphenol Communications Solutions 57202 Datasheet HTML 11Page - Amphenol Communications Solutions 57202 Datasheet HTML 12Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
www.amphenol-cs.com
Disclaimer
Please note that the above information is subject to change without notice.
Minitek® Eject Latch Header
PART NUMBER SELECTOR EJECT LATCH HEADER
10078991
G
X
X
XX
U
LF
Base number
Lead-free compatibility
Plating: 0.76µm GXT
Tail Length
Style
Dim B
2
2.5
3
3.1
Latch type
1
Standard
2
Low profile
Total number of positions
Packaging type
U
Tube without pick up cap
Descrption
Part Numbers
Eject Latch Header Shrouded, Vertical,
Double Row, TMT
10078991
Eject Latch Header Shrouded, Vertical,
Double Row, PIP
10078993
Eject Latch Header Shrouded, Vertical,
Double Row, SMT
10078995



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com