Electronic Components Datasheet Search
  English  ▼

X  

59112 Datasheet(PDF) 15 Page - Amphenol Communications Solutions

Part # 59112
Description  Minitek® Crimp-to-Wire
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

59112 Datasheet(HTML) 15 Page - Amphenol Communications Solutions

Back Button 59112 Datasheet HTML 7Page - Amphenol Communications Solutions 59112 Datasheet HTML 8Page - Amphenol Communications Solutions 59112 Datasheet HTML 9Page - Amphenol Communications Solutions 59112 Datasheet HTML 10Page - Amphenol Communications Solutions 59112 Datasheet HTML 11Page - Amphenol Communications Solutions 59112 Datasheet HTML 12Page - Amphenol Communications Solutions 59112 Datasheet HTML 13Page - Amphenol Communications Solutions 59112 Datasheet HTML 14Page - Amphenol Communications Solutions 59112 Datasheet HTML 15Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
www.amphenol-cs.com
Disclaimer
Please note that the above information is subject to change without notice.
Minitek® IDC Receptacle
TECHNICAL INFORMATION
MATERIALS
§
Housing: Black thermoplastic
§
Flammability Rating: UL94V-0
§
Contact: Phosphor-bronze
§
Plating: Gold over 1.27µm (50µin.) nickel
MECHANICAL PERFORMANCE
§
Mating Cycles (Durability): 100
ELECTRICAL PERFORMANCE
§
Current Rating: 1A continuous
§
Insulation Resistance: 1 x 105MΩ min.
§
Contact Resistance: 30mΩ max.
§
Dielectric Withstanding Voltage: 650V
ENVIRONMENTAL
§
Operating Temperature Range: -40°C to +105°C
APPROVALS & CERTIFICATION
§
This product is RoHS compatible according to the
European Union Directive 2002/95/IEC
SPECIFICATIONS
§
File no. E66906
§
File no. LR46923
§
Product Drawing: 89947 or 89361
§
Product Specification: BUS-12-115
PACKAGING
§
Tubes
INSERTION DEPTH
§
2.55mm min. to 4.57mm max. [provides .381mm wipe]
TARGET MARKETS/APPLICATIONS
Electronic Control Systems
Communications
Servers
Communication Equipment
Industrial Automation
Instrumentation
Vending Machines
Description
Part Numbers
IDC receptacle, Double Row
89947
IDC receptacle, Double Row
89361
PART NUMBERS
PART NUMBER SELECTOR IDC RECEPTACLE
BASE NUMBER
X
XX
X
LF
Lead-free compatibility
0.76µm gold
89947
0.20µm gold
89361
Standard
1
With center key and friction
latching (available from 06 to 30
positions)
7
Total number of positions
(06 to 50 positions)
Add optional S for strain relief



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com