Electronic Components Datasheet Search
  English  ▼

X  

10112684 Datasheet(PDF) 4 Page - Amphenol Communications Solutions

Part # 10112684
Description  Minitek® Crimp-to-Wire
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

10112684 Datasheet(HTML) 4 Page - Amphenol Communications Solutions

  10112684 Datasheet HTML 1Page - Amphenol Communications Solutions 10112684 Datasheet HTML 2Page - Amphenol Communications Solutions 10112684 Datasheet HTML 3Page - Amphenol Communications Solutions 10112684 Datasheet HTML 4Page - Amphenol Communications Solutions 10112684 Datasheet HTML 5Page - Amphenol Communications Solutions 10112684 Datasheet HTML 6Page - Amphenol Communications Solutions 10112684 Datasheet HTML 7Page - Amphenol Communications Solutions 10112684 Datasheet HTML 8Page - Amphenol Communications Solutions 10112684 Datasheet HTML 9Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.amphenol-cs.com
TARGET MARKETS
Minitek® Active Latch Housing
FEATURES
BENEFITS
§
The POKA YOKE feature offered by new shape of header
ensures right mating
§
No pre-opening needed for mating
Minitek® is Amphenol FCI’s brand for board-to-board and
cable/wire-to-board connectors in 2.00mm (0.079in.)
pitch. It is a fully modular system enabling all types of
connections between PCBs, wires and flat cables. Its
2mm spacing allows up to 38% space saving compared to
traditional modular systems.
Amphenol FCI is the leading supplier of this type of modular
system and continues to grow anf expand it. We are now
adding a new active latch housing and POKA YOKE feature
to active latch for housing for wire-to-board applications
The latch ensures a secure mechanical connection in
applications with high extraction forces or vibration. Unlike
other systems on the market, tthe active latch housing
mates with the standard headers from the Minitek®
system. This ensures full modularity and interchangeability
throughout the system.
Theactivelatchhousingismadewithhightemperatureblack
plastic material which is able to withstand temperature up
to 125°C. It is available in 15 versions from 2 x 3 to 2 x 17
positions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com