Electronic Components Datasheet Search
  English  ▼

X  

STB4NK60Z-1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STB4NK60Z-1
Description  N-channel 600 V - 1.76 Ω - 4 A SuperMESH??Power MOSFET DPAK - D2PAK - IPAK - I2PAK - TO-220 - TO-220FP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB4NK60Z-1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STB4NK60Z-1 Datasheet HTML 2Page - STMicroelectronics STB4NK60Z-1 Datasheet HTML 3Page - STMicroelectronics STB4NK60Z-1 Datasheet HTML 4Page - STMicroelectronics STB4NK60Z-1 Datasheet HTML 5Page - STMicroelectronics STB4NK60Z-1 Datasheet HTML 6Page - STMicroelectronics STB4NK60Z-1 Datasheet HTML 7Page - STMicroelectronics STB4NK60Z-1 Datasheet HTML 8Page - STMicroelectronics STB4NK60Z-1 Datasheet HTML 9Page - STMicroelectronics STB4NK60Z-1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical characteristics
STB4NK60Zx, STD4NK60Zx, STP4NK60Z, STP4NK60ZFP
6/20
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area for TO-220 /
DPAK / IPAK / D²PAK / I²PAK
Figure 3.
Thermal impedance for TO-220 /
DPAK / IPAK / D²PAK / I²PAK
Figure 4.
Safe operating area for TO-220FP
Figure 5.
Thermal impedance for TO-220FP
Figure 6.
Output characteristics
Figure 7.
Transfer characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com