Electronic Components Datasheet Search
  English  ▼

X  

MN3309 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MN3309
Description  256-Stage Ultra Low Voltage Operation BBD for Audio Signals
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN3309 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MN3309 Datasheet HTML 1Page - Panasonic Semiconductor MN3309 Datasheet HTML 2Page - Panasonic Semiconductor MN3309 Datasheet HTML 3Page - Panasonic Semiconductor MN3309 Datasheet HTML 4Page - Panasonic Semiconductor MN3309 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
MN3309
MN3300 Series
Parameter
Symbol
Ratings
Unit
Pin voltage
VDD, VD1, VD2, VCP, VI
− 0.3 to +6.0
V
Output voltage
VO
− 0.3 to +6.0
V
Operating ambient temperature
Topr
−20 to +60
°C
Storage temperature
Tstg
−55 to +125
°C
s Absolute Maximum Ratings Ta
=25°C
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply current
IDD
fCP=40 kHz
0.05
mA
Signal delay time 1
tD1
VDD=1.8 to 4.0 V, fCP=10 to 200 kHz
N *
ms
Signal delay time 2
tD2
VDD=4.0 to 5.0 V, fCP=10 kHz to 1 MHz
2·fCP
Input signal frequency
fi
fCP=40 kHz, Vi=0.22 Vrms
12
kHz
Output attenuation
≤3 dB(0 dB at f
i=1 kHz)
Input signal amplitude
υ
i
fCP=40 kHz, fi=1 kHz, THD=2.5 %
0.32
0.40
Vrms
Insertion loss
Li
fCP=40 kHz, fi=1 kHz, Vi=0.22 Vrms
−40
4
dB
Total harmonic distortion
THD
fCP=40 kHz, fi=1 kHz, Vi=0.22 Vrms
0.4
2.5
%
Output noise voltage
Vno
fCP=100 kHz, Weighted by "A"curve
0.094
0.15
mVrms
Signal to noise ratio
S/N
74
dB
s Electrical Characteristics V
DD=VCPH=3V, VCPL=0V, RL=56kΩ, LPF : fC=20kHz, Att=48dB/oct., Ta=25°C
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
+1.8
+3.0
+5.0
V
Clock voltage "H"level
VCPH
VDD
V
Clock voltage "L"level
VCPL
0V
Clock input capacitance
CCP
200
pF
Clock frequency
fCP
10
200(1000)*
1
kHz
Clock pulse width
tw(CP)*
3
0.5T*
2
Clock rise time
tr(CP)*
3
500
ns
Clock fall time
tf(CP)*
3
500
ns
Clock cross point
VX*
3
0
0.3VCPH
V
s Operating Conditions Ta
=25°C
Note) *1 : ( ) : VDD=4.0 to 5.0 V
*2 :T
=1/f
CP (Clock period)
Note) * : N
=BBD stages
s Circuit Diagram
V
X
3V
t
f(CP)
t
r(CP)
CP2
CP1
t
w(CP)
90%
50%
10%
T
257
256
3
2
1
2
6
4
1
3
IN
GND
V
DD
CP1
CP2
8V
D2
7 OUT
5V
D1
*3 : Clock pulse waveforms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com