Electronic Components Datasheet Search
  English  ▼

X  

OPA348 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA348
Description  1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA348 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA348 Datasheet HTML 1Page - Burr-Brown (TI) OPA348 Datasheet HTML 2Page - Burr-Brown (TI) OPA348 Datasheet HTML 3Page - Burr-Brown (TI) OPA348 Datasheet HTML 4Page - Burr-Brown (TI) OPA348 Datasheet HTML 5Page - Burr-Brown (TI) OPA348 Datasheet HTML 6Page - Burr-Brown (TI) OPA348 Datasheet HTML 7Page - Burr-Brown (TI) OPA348 Datasheet HTML 8Page - Burr-Brown (TI) OPA348 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
OPA348, 2348, 4348
3
SBOS213C
www.ti.com
OPA348
OPA2348
OPA4348
ELECTRICAL CHARACTERISTICS: VS = 2.5V to 5.5V
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C
At TA = +25°C, RL = 100kΩ connected to VS / 2 and VOUT = VS / 2, unless otherwise noted.
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = 5V, VCM = (V–) + 0.8V
1
5
mV
Over Temperature
6mV
Drift
dVOS/dT
4
µV/°C
vs Power Supply
PSRR
VS = 2.5V to 5.5V, VCM < (V+) – 1.7V
60
175
µV/V
Over Temperature
VS = 2.5V to 5.5V, VCM < (V+) – 1.7V
300
µV/V
Channel Separation, dc
0.2
µV/V
f = 1kHz
134
dB
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–) – 0.2
(V+) + 0.2
V
Common-Mode Rejection Ratio
CMRR
(V–) – 0.2V < VCM < (V+) – 1.7V
70
82
dB
over Temperature
(V–) < VCM < (V+) – 1.7V
66
dB
VS = 5.5V, (V–) – 0.2V < VCM < (V+) + 0.2V
60
71
dB
over Temperature
VS = 5.5V, (V–) < VCM < (V+)
56
dB
INPUT BIAS CURRENT
Input Bias Current
IB
±0.5
±10
pA
Input Offset Current
IOS
±0.5
±10
pA
INPUT IMPEDANCE
Differential
1013 || 3
Ω || pF
Common-Mode
1013 || 6
Ω || pF
NOISE
VCM < (V+) – 1.7V
Input Voltage Noise, f = 0.1Hz to 10Hz
10
µVp-p
Input Voltage Noise Density, f = 1kHz
en
35
nV/
√Hz
Input Current Noise Density, f = 1kHz
in
4fA/
√Hz
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
VS = 5V, RL = 100kΩ, 0.025V < VO < 4.975V
94
108
dB
over Temperature
VS = 5V, RL = 100kΩ, 0.025V < VO < 4.975V
90
dB
VS = 5V, RL = 5kΩ, 0.125V < VO < 4.875V
90
98
dB
over Temperature
VS = 5V, RL = 5kΩ, 0.125V < VO < 4.875V
88
dB
OUTPUT
Voltage Output Swing from Rail
RL = 100kΩ, AOL > 94dB
18
25
mV
over Temperature
RL = 100kΩ, AOL > 90dB
25
mV
RL = 5kΩ, AOL > 90dB
100
125
mV
over Temperature
RL = 5kΩ, AOL > 88dB
125
mV
Short-Circuit Current
ISC
±10
mA
Capacitive Load Drive
CLOAD
See Typical Characteristics
FREQUENCY RESPONSE
CL = 100pF
Gain-Bandwidth Product
GBW
1
MHz
Slew Rate
SR
G = +1
0.5
V/
µs
Settling Time, 0.1%
tS
VS = 5.5V, 2V Step, G = +1
5
µs
0.01%
VS = 5.5V, 2V Step, G = +1
7
µs
Overload Recovery Time
VIN • Gain > VS
1.6
µs
Total Harmonic Distortion + Noise
THD+N
VS = 5.5V, VO = 3Vp-p, G = +1, f = 1kHz
0.0023
%
POWER SUPPLY
Specified Voltage Range
VS
2.5
5.5
V
Minimum Operating Voltage
2.1 to 5.5
V
Quiescent Current (per amplifier)
IQ
IO = 0
45
65
µA
over Temperature
75
µA
TEMPERATURE RANGE
Specified Range
–40
125
°C
Operating Range
–65
150
°C
Storage Range
–65
150
°C
Thermal Resistance
θ
JA
SOT23-5 Surface-Mount
200
°C/W
SOT23-8 Surface-Mount
150
°C/W
MSOP-8 Surface-Mount
150
°C/W
SO-8 Surface-Mount
150
°C/W
SO-14 Surface-Mount
100
°C/W
TSSOP-14 Surface-Mount
100
°C/W
SC70-5 Surface-Mount
250
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com