Electronic Components Datasheet Search
  English  ▼

X  

IP6510 Datasheet(PDF) 1 Page - Injoinic Technology Co.,Ltd.

Part # IP6510
Description  24W Max Synchronous Rectified Buck Converter for DCP/QC2.0/QC3.0/FCP/ SCP/ AFC/SFCP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP6510 Datasheet(HTML) 1 Page - Injoinic Technology Co.,Ltd.

  IP6510 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP6510 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP6510 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP6510 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP6510 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP6510 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP6510 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP6510 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP6510 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IP6505
V1.4.1
www.injoinic.com
1 / 11
Copyright © 2017, Injoinic Corp.
24W Max Synchronous-Rectified Buck Converter for
DCP/QC2.0/QC3.0/FCP/SCP/AFC/SFCP
1 Features
Synchronized Switch Regulator
 Built-in power MOSFET
 48V Input Voltage Surge
 Input voltage range: 4.5V~32V
 Output voltage range: 3V~12V, Output
power: up to 24W
 fixed line-compensation
 Support CV (Constant Output Voltage) mode
& CC(Constant Output Current) mode
 Conversion efficiency: up to 97%
 Soft start function
Fast charge output
 Support BC1.2, Apple, Samsung
 Support Qualcomm QC2.0, QC3.0
 Support MTK PE+1.1 and MTK PE+2.0
 Support Huawei Fast charge: FCP & SCP
 Support Samsung fast charge : AFC
 Support Spreadtrum fast charge : SFCP
Multi-protection and high reliability
 OVP/UVP/OTP/OCP/short circuit protection
 ESC 4KV,
Package: ESOP8
2 Applications
Car Charger
Fast Charge Adaptor
Smart Power Strip
3 Description
IP6505
is
a
Synchronous-Rectified
Buck
Converter and support 10 fast charge output
standards, providing solutions for car charger, fast
charge adaptor and smart power strip.
IP6505 has built-in power MOSFET, input voltage
range is 4.5V to 32V, output voltage ranges from 3V
to 12V, and supply up to 24W output power; support
voltage and current auto adjust according to the fast
charge standard. Typical output voltage and current
including: 4V@3.6A, 5V@3.4A, 7V@3A, 9V@2.5A,
12V@2A. Power conversion efficiency is up to 97%.
IP6505 built-in fixed line-compensation,, the
output voltage will be increased along with an
increased current, providing compensation on the
voltage drop introduced by the wire resistance.
.
IP6505 support several fast charge standards,
DP/DM support auto distinguish on the fast charge of
the accessed devices, and IP6505 will adjust the
output voltage and current according to the fast
charge standard automatically. Supported fast charge
standards including: DCP (Apple, Samsung and BC1.2),
Qualcomm QC2.0/QC3.0, MTK PE1.1/2.0, Huawei
FCP&SCP, Spreadtrum SFCP.
IP6505 support multi-protection on overvoltage
protection and under voltage protection, over current
protection, and short circuit protection.


Similar Part No. - IP6510

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP6510 INJOINIC-IP6510 Datasheet
612Kb / 10P
Output 2.4A/3.1A, integrated SOC IC for DCP output protocol
IP6510 INJOINIC-IP6510 Datasheet
757Kb / 11P
Maximum output 24 W, integrated with various fast charge output protocols
IP6510 INJOINIC-IP6510 Datasheet
799Kb / 12P
Maximum output 45W, integrated Type-C PD output and various fast charge output protocols
IP6510 INJOINIC-IP6510 Datasheet
821Kb / 16P
20 W PD output integrates multiple fast charging output protocols
V1.5 2019
IP6510 INJOINIC-IP6510 Datasheet
872Kb / 18P
integrated Dual port Type C PD 3.0 (waiting for fast charging protocol output SOC IC
V1.0.3 2019
More results

Similar Description - IP6510

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7145 ANPEC-APW7145 Datasheet
526Kb / 23P
3A, 12V, Synchronous-Rectified Buck Converter
APW7142 ANPEC-APW7142 Datasheet
525Kb / 22P
3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145_09 Datasheet
557Kb / 23P
3A, 12V, Synchronous-Rectified Buck Converter
logo
uPI Group Inc.
UP1715 UPI-UP1715 Datasheet
221Kb / 13P
High-Efficiency Synchronous-Rectified Buck Converter
UP1715R UPI-UP1715R Datasheet
189Kb / 12P
High-Efficiency Synchronous-Rectified Buck Converter
UP1952-MD UPI-UP1952-MD Datasheet
193Kb / 11P
Single Phase Synchronous-Rectified Buck Converter
UP1965S UPI-UP1965S Datasheet
194Kb / 11P
Synchronous-Rectified Buck Converter
UP1988 UPI-UP1988 Datasheet
221Kb / 13P
Synchronous-Rectified Buck Converter
UP1989 UPI-UP1989 Datasheet
231Kb / 13P
Synchronous-Rectified Buck Converter
logo
Shenzhen Huazhimei Semi...
HM1594 HMSEMI-HM1594 Datasheet
955Kb / 9P
Maximum output 18W, integrated fast charge output protocol (DCP/QC2.0/QC3.0/FCP/AFC) step-down SOC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com