Electronic Components Datasheet Search
  English  ▼

X  

32001506 Datasheet(PDF) 4 Page - MIPOT S.p.A.

Part # 32001506
Description  Wireless Protocol Modules MiP Series 3200150X Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIPOT [MIPOT S.p.A.]
Direct Link  https://mipot.com/en/
Logo MIPOT - MIPOT S.p.A.

32001506 Datasheet(HTML) 4 Page - MIPOT S.p.A.

  32001506 Datasheet HTML 1Page - MIPOT S.p.A. 32001506 Datasheet HTML 2Page - MIPOT S.p.A. 32001506 Datasheet HTML 3Page - MIPOT S.p.A. 32001506 Datasheet HTML 4Page - MIPOT S.p.A. 32001506 Datasheet HTML 5Page - MIPOT S.p.A. 32001506 Datasheet HTML 6Page - MIPOT S.p.A. 32001506 Datasheet HTML 7Page - MIPOT S.p.A. 32001506 Datasheet HTML 8Page - MIPOT S.p.A. 32001506 Datasheet HTML 9Page - MIPOT S.p.A. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Wireless Protocol Modules MiP Series – Data Sheet
3200150X_Datasheet_rev0.1.pdf
Page 4 of 24
www.mipot.com
1. Product Features
Mechanical highlights:
 Extremely compact dimensions
 LGA pattern
Low power characteristics:
 Sleep current consumption 2.2 µA
 18 mA in RX mode
Memories:
Only for 32001506
 196 Kbyte Flash memory
 32 Kbyte RAM
 512 byte OTP (One Time
Programmable) memory
RF performances:
 -135 dBm Sensitivity @LoRa®
 +14 dBm Output Power
(EU version)
 +20 dBm Output Power
(US version)
Additional features:
 Smart serial interface selector
(UART, LPUART, SPI, I
2C)
 Preloaded radio library
 LoRaWAN™ specifications 1.0.4
Only for 32001506
 ARM Cortex-M4 CPU
 Internal communication channel
with the radio peripheral
 Based on STM32WL55J
Multiple Stacks available:
 wM-Bus
 LoRaWAN™ specifications 1.0.4
 LoRa Mipot
 LoRa Modem
 LoRa Multistack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com