Electronic Components Datasheet Search
  English  ▼

X  

AXE10 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXE10
Description  SMD PXO (Clock) in CO 26 package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXE10 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXE10 Datasheet HTML 1Page - Advanced XTAL Products AXE10 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXE10
www.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXE10
Issue: 03
Date: 2005-06-08
Oscillator type :
SMD PXO (Clock) in CO 26 package
Parameter
min.
typ. max. Unit
Condition
Frequency range
1.544
125
MHz
Standard frequencies
MHz
Frequency stability
-25
25
ppm
Overall (Note 1)
Initial tolerance
±5
ppm
vs. temperature
in operating temperature range (steady state)
ppm
-10°~+70°C
vs. supply voltage variation
±3
ppm
VS ±5%
vs. load change
±1
ppm
Load ±5%
long term (aging) 1
st year
±1
ppm
@ +40°C
Frequency adjustment range
Electronic Frequency Control (EFC) range
ppm
N.A.
RF output
Signal waveform
HCMOS/TTL
Output signal HIGH
VOH
2.4
VS-
0.5V
V
V
TTL load (fan-out 2)
HCMOS load 15 pF
Output signal LOW
VOL
0.4
0.5
V
V
TTL load (fan-out 2)
HCMOS load 15 pF
Rise & decay time
10
ns
according to logic family
Symmetry (duty cycle)
40
60
%
@ VS/2
Start-up time
10
ms
Supply voltage VS
3.13
4.75
3.3
5.0
3.47
5.25
V
Option “33”
Option “50”
Current consumption (steady state)
15
10
85
45
mA
mA
Option “33”
Option “50”
Operating temperature range
-10
+70
°C
Operable temperature range
-40
+85
°C
Storage temperature range
-40
+85
°C
Enclosure (see drawing) (LxWxH)
14.4x9.5x6 max
mm
IEC 61837 CO 26
Weight
3
gram
Packing
Tape & reel
IEC 60286-3
ESD Sensitivity
1500
V
HBM as in IEC 61000-4-2
Notes:
1.
Frequency stability = initial tolerance + stability vs. temperature
2.
Absolute Pull Range (APR) = EFC range - temperature stability - supply & load change – aging
3.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
Ordering Code:
Model (Specification)
Option
Frequency [MHz]
AXE10
50
24.576


Similar Part No. - AXE10

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXE10-14 AXTAL-AXE10-14 Datasheet
159Kb / 2P
PXO for WLAN Test Equipment
Date: 2004-03-24
AXE1000 AXTAL-AXE1000 Datasheet
55Kb / 2P
Crystal Oscillator (PXO) 1000 MHz
2008-01-25
AXE10L AXTAL-AXE10L Datasheet
101Kb / 3P
SMD SPXO with LVDS Output
2014-04-04
AXE10LE AXTAL-AXE10LE Datasheet
101Kb / 3P
SMD SPXO with LVDS Output
2014-04-04
AXE10LN AXTAL-AXE10LN Datasheet
99Kb / 3P
Low Phase Noise SMD SPXO with HCMOS Output
2014-04-04
More results

Similar Description - AXE10

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXE10P AXTAL-AXE10P Datasheet
54Kb / 2P
PXO (Clock) with PECL Output
2005-06-08
AXIOM10 AXTAL-AXIOM10 Datasheet
54Kb / 2P
OCXO in SMD package
2005-07-15
AXIS10 AXTAL-AXIS10 Datasheet
55Kb / 2P
SMD VCXO in CO 26 package
2005-06-10
AXHS0001 AXTAL-AXHS0001 Datasheet
44Kb / 1P
PLL Synthesizer in SMD package
2006-07-31
logo
IDEA.lnc.
IPT0118 IDEA-IPT0118 Datasheet
39Kb / 2P
phototransistor in miniature SMD package
logo
Allied Components Inter...
AEF20-4033 ALLIED-AEF20-4033 Datasheet
408Kb / 1P
EF20 Package in SMD
logo
Advanced XTAL Products
AXLE145 AXTAL-AXLE145 Datasheet
147Kb / 4P
SMD (VC)TCXO in CO 26 or CO27 package
logo
Raltron Electronics Cor...
OX2550A RALTRON-OX2550A Datasheet
39Kb / 2P
Small OCXO in SMD package
OX2551A RALTRON-OX2551A Datasheet
34Kb / 2P
Miniature OCXO in modified CO-15 package
logo
TXC Corporation.
7CZ TXC-7CZ Datasheet
930Kb / 1P
Small Real Time Clock oscillator in SMD seam sealed ceramic package.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com