Electronic Components Datasheet Search
  English  ▼

X  

AXIOM10 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIOM10
Description  OCXO in SMD package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM10 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIOM10 Datasheet HTML 1Page - Advanced XTAL Products AXIOM10 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXIOM10
www.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIOM10
Issue: 04
Date: 2005-07-15
Oscillator type :
OCXO in SMD package
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
10
120
MHz
Note 2
Standard frequencies
10.0 / 12.8 / 19.44
MHz
Frequency stability
ppm
Initial tolerance
± 500
ppb
@+25°C, VC= center
vs. temperature (steady state)
± 200
± 100
± 50
ppb
ppb
ppb
Option II = “200”
Option II = “100”
Option II = “50”
operating temperature range
-40
-20
-10
+80
+70
+60
°C
°C
°C
Option II = “200”
Option II = “100”
Option II = “50”
vs. supply voltage variation
± 10
ppb
vs. load change
± 10
ppb
long term (aging) 1
st year
@ +40°C, after 30 days
± 200
ppb
Frequency adjustment range
Electronic Frequency Control (EFC)
± 2
ppm
EFC voltage VC
0.15
0.25
1.65
2.5
3.15
4.5
V
V
Option I = “33”
Option I = “50”
EFC slope (
∆f / ∆V
C)
positive
EFC input impedance
100
k
Ω
RF output
Signal waveform
HCMOS
Load
15
pF
Rise & decay time
5
ns
Symmetry (duty cycle)
40
60
%
@ VS/2
Warm-up time
5
min
∆f
final/f0 < ±0.1 ppm
Phase noise
@12.8 MHz
-95
-120
-140
-145
dBc
dBc
dBc
dBc
10 Hz
100 Hz
1000 Hz
10000 Hz
Supply voltage VS
3.15
4.75
3.3
5.0
3.45
5.25
V
V
Option I = “33”
Option I = “50”
Current consumption
(steady state, @ +25°C)
300
250
mA
mA
Option I = “33”
Option I = “50”
Current consumption (warm-up)
800
500
mA
mA
Option I = “33”
Option I = “50”
Storage temperature range
-45
+85
°C
Enclosure (see drawing)
25.6x22.2x11.5 max.
mm
IEC 61837 CO 28
Weight
9
gram
Packing
Bulk, Tape & reel
IEC 60286-3
ESD Sensitivity
1500
V
HBM as in IEC 61000-
4-2
Notes:
1.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
2.
Not all combinations of options available in the whole frequency range
Ordering Code:
Model (Specification)
Option I Option II Frequency [MHz]
AXIOM10
50
100
10.0


Similar Part No. - AXIOM10

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM10-23 AXTAL-AXIOM10-23 Datasheet
100Kb / 2P
High Stability SMD OCXO with HCMOS Output
2014-07-09
AXIOM1000 AXTAL-AXIOM1000 Datasheet
117Kb / 4P
UHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM10HP AXTAL-AXIOM10HP Datasheet
54Kb / 2P
High-performance OCXO in SMD package
2008-04-01
AXIOM10S AXTAL-AXIOM10S Datasheet
53Kb / 2P
OCXO in SMD package for Stratum III and Stratum IIIe
2005-07-15
More results

Similar Description - AXIOM10

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM10HP AXTAL-AXIOM10HP Datasheet
54Kb / 2P
High-performance OCXO in SMD package
2008-04-01
AXIOM10S AXTAL-AXIOM10S Datasheet
53Kb / 2P
OCXO in SMD package for Stratum III and Stratum IIIe
2005-07-15
AXIOM20 AXTAL-AXIOM20 Datasheet
58Kb / 2P
OCXO in DIL14 package, HCMOS Output
2005-07-15
AXIOM25 AXTAL-AXIOM25 Datasheet
58Kb / 2P
OCXO in DIL14 package, Sinewave Output
2005-07-15
AXIOM30HP AXTAL-AXIOM30HP Datasheet
55Kb / 2P
High-performance OCXO in CO15 package
2006-06-31
AXIOM145ULN AXTAL-AXIOM145ULN Datasheet
109Kb / 4P
Ultra-Low Noise OCXO in SMD package
2016-01-11
logo
Raltron Electronics Cor...
OX2550A RALTRON-OX2550A Datasheet
39Kb / 2P
Small OCXO in SMD package
OX2580A RALTRON-OX2580A Datasheet
42Kb / 2P
Small OCXO in 1??SQ. package
logo
Advanced XTAL Products
AXIOM45ULN AXTAL-AXIOM45ULN_17 Datasheet
125Kb / 4P
Low Noise OCXO in Eurocase package
2017-01-07
AXIOM145ULN AXTAL-AXIOM145ULN_17 Datasheet
113Kb / 4P
Ultra-Low Noise OCXO in SMD package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com