Electronic Components Datasheet Search
  English  ▼

X  

SA6-03 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # SA6-03
Description  3 dB Fixed Attenuator SMA Male (Plug) to SMA Female (Jack) Up to 6 GHz Rated to 2 Watts, Passivated Stainless Steel Body, 1.3 VSWR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SA6-03 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  SA6-03 Datasheet HTML 1Page - Infinite Electronics International, Inc. SA6-03 Datasheet HTML 2Page - Infinite Electronics International, Inc. SA6-03 Datasheet HTML 3Page - Infinite Electronics International, Inc. SA6-03 Datasheet HTML 4Page - Infinite Electronics International, Inc. SA6-03 Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The Right Parts, Right Away
+1 (866) 839-4711 | sales@fairviewmicrowave.com | fairviewmicrowave.com
2
© 2025 Infinite Electronics, Inc. Fairview Microwave is a registered trademark of Infinite Electronics, Inc.
3 dB Fixed Attenuator SMA Male (Plug) to SMA
Female (Jack) Up to 6 GHz Rated to 2 Watts,
Passivated Stainless Steel Body, 1.3 VSWR
SA6-03
Connectors
Description
Connector 1
Connector 2
Type
SMA Male
SMA Female
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Hex Size
5/16 inch
Torque
7 in-lbs 0.79 Nm
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Environmental Specifications
Temperature
Operating Range
-65 to +125 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com