Electronic Components Datasheet Search
  English  ▼

X  

AXIOM20 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIOM20
Description  OCXO in DIL14 package, HCMOS Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM20 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIOM20 Datasheet HTML 1Page - Advanced XTAL Products AXIOM20 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXIOM20
www.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIOM20
Issue: 03
Date: 2005-07-15
Oscillator type :
OCXO in DIL14 package, HCMOS Output
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
10
80
MHz
Standard frequencies
10 / 12.8 / 16.384
MHz
Frequency stability
ppm
Initial tolerance
± 500
ppb
@+25°C, VC= 2.5V
vs. temperature (steady state)
± 100
± 200
± 300
± 500
ppb
ppb
ppb
ppb
Option II =”100”
Option II =”200”
Option II =”300”
Option II =”500”
operating temperature range
-10
+60
°C
Note 2
vs. supply voltage variation
± 10
ppb
vs. load change
± 20
ppb
long term (aging) 1
st year (Note 3)
± 0.5
ppm
@ +40°C, after 30 days
Frequency adjustment range
Electronic Frequency Control (EFC)
± 2
± 5
ppm
EFC voltage VC
0.15
0.25
1.65
2.5
3.15
4.75
V
V
Option I = “33”
Option I =50”
EFC slope (
∆f / ∆V
C)
positive
EFC linearity
%
EFC input impedance
100
k
Ω
RF output
Signal waveform
HCMOS
Load
15
pF
Rise & decay time
10
ns
Symmetry
40
60
%
Warm-up time
2
min
∆f
final/f0 < ±0.1 ppm
Supply voltage VS
3.13
4.75
3.3
5.0
3.47
5.25
V
Option I = “33”
Option I =50”
Current consumption (steady state)
@ +25°C
300
200
mA
mA
Option I = “33”
Option I =50”
Current consumption (warm-up)
800
500
mA
mA
Option I = “33”
Option I =50”
Enable/disable function
Operable temperature range
-30
+75
°C
Storage temperature range
-40
+85
°C
Enclosure (see drawing)
20.7x13.1x8.5 max.
mm
IEC 60679-3 CO 02
Weight
5
gram
Packing
Palette or stick
ESD Sensitivity
1500
V
HBM as in IEC 61000-
4-2
Notes:
1.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
2.
Operating temperature range –20°C to +70°C on request
3.
Aging of ± 0.2 ppm / 1
st year on request
Ordering Code:
Model (Specification) Option I Option II
Frequency [MHz]
AXIOM20
50
100
10.000


Similar Part No. - AXIOM20

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM20-17 AXTAL-AXIOM20-17 Datasheet
60Kb / 2P
OCXO for Cospas-Sarsat Beacons
2007-10-17
AXIOM20-23 AXTAL-AXIOM20-23 Datasheet
93Kb / 2P
OCXO in DIL14 Package with HCMOS Output
AXIOM20-25 AXTAL-AXIOM20-25 Datasheet
94Kb / 2P
OCXO in DIL14 Package with HCMOS Output
AXIOM20-26 AXTAL-AXIOM20-26 Datasheet
94Kb / 2P
OCXO in DIL14 Package with HCMOS Output
AXIOM2000 AXTAL-AXIOM2000 Datasheet
144Kb / 4P
Ultra-Low Phase Noise OCXO
2016-04-15
More results

Similar Description - AXIOM20

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD361 GOLLEDGE-HCD361 Datasheet
61Kb / 1P
OCXO HCMOS Output
HCD180 GOLLEDGE-HCD180 Datasheet
64Kb / 1P
OCXO HCMOS OUTPUT
HCD190 GOLLEDGE-HCD190 Datasheet
64Kb / 1P
OCXO HCMOS OUTPUT
logo
Advanced XTAL Products
AXIOM20S AXTAL-AXIOM20S Datasheet
57Kb / 2P
OCXO in DIL14 package with Stratum III stability
2008-04-04
AXIOM25 AXTAL-AXIOM25 Datasheet
58Kb / 2P
OCXO in DIL14 package, Sinewave Output
2005-07-15
logo
Golledge Electronics Lt...
HCD361 GOLLEDGE-HCD361_15 Datasheet
135Kb / 1P
OCXO HCMOS Output
logo
Advanced XTAL Products
AXIOM20-23 AXTAL-AXIOM20-23 Datasheet
93Kb / 2P
OCXO in DIL14 Package with HCMOS Output
AXIOM20-25 AXTAL-AXIOM20-25 Datasheet
94Kb / 2P
OCXO in DIL14 Package with HCMOS Output
AXIOM20-26 AXTAL-AXIOM20-26 Datasheet
94Kb / 2P
OCXO in DIL14 Package with HCMOS Output
AXIOM37-14LP AXTAL-AXIOM37-14LP Datasheet
164Kb / 4P
Ultra-Low Power Low-Profile OCXO in DIL14 package
2016-02-29
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com