Electronic Components Datasheet Search
  English  ▼

X  

10127721 Datasheet(PDF) 2 Page - Amphenol Communications Solutions

Part # 10127721
Description  Minitek® Pwr 3.0 Connector System Dual Row & Single Row
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

10127721 Datasheet(HTML) 2 Page - Amphenol Communications Solutions

  10127721 Datasheet HTML 1Page - Amphenol Communications Solutions 10127721 Datasheet HTML 2Page - Amphenol Communications Solutions 10127721 Datasheet HTML 3Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
MATERIAL
§
§
Board Connector: Brass with optional Tin and
Gold Flash plating
§
§
Housing: LCP & Nylon, Black, UL94 V-0
§
§
Crimping Terminal: Phosphorus Bronze with
optional Tin and Gold Flash plating
MECHANICAL PERFORMANCE
§
§
Terminal Insertion Force: 4.5N max.
§
§
Terminal Withdrawal Force: 2N min. before
durability, 1.5N min. after durability
§
§
Durability: 100 mating cycles
§
§
Wire Pullout Force: Refer to product
specifications
ELECTRICAL PERFORMANCE
§
§
Low Level Contact Resistance: 20mΩ max.
§
§
Insulation Resistance: 1000MΩ min.
§
§
Voltage Rating: 250Vrms
§
§
Current Rating: 5A/contact. Refer to product
specifications for higher current application
§
§
Dielectric Withstand Voltage: 1000VAC
§
§
Temperature Rise: 30°C max
PACKAGING
§
§
PCB Header: Tray
§
§
Crimping Housing: Bag
§
§
Terminal: Reel
APPROVALS & CERTIFICATION
§
§
Dual Row: UL E66906 & E467317
§
§
Single Row: UL pending
§
§
Glow Wire Ignition Temperature (GWIT)
per IEC 60695-2-13
§
§
Glow Wire Flammability Index (GWFI)
per IEC 60695-2-12
SPECIFICATION
§
§
Amphenol Product Specification: GS-12-1177 and GS-12-1374
§
§
Amphenol Application Specification: GS-20-0399
§
§
Amphenol Packaging Specification: GS-14-2359
ENVIRONMENTAL
§
§
Operating Temperature: -40ºC to +105ºC
*Includes 30ºC terminal temperature rise at rated current
TOOLING INFORMATION
§
§
Ratchet Hand Crimping Tool: 10129483-001LF
§
§
Terminal Extraction Tool: 10129274-030LF
TARGET MARKETS/APPLICATIONS
1U Rack Box
Customer Premises Equipment
Generic Telecom Box
Interface Converter
WiMax Box
Air Conditioner
Microwave Oven
Refrigerator
Set Top Box
Blade Server
Desktop PC and Motherboard
HDD Application
Rack-Mount Server
Server-Orthogonal Configuration
Defibrillator
Hospital Bed
Patient Monitor
Ultrasound Equipment
Chemical Detection System
Radar Equipment
TECHNICAL INFORMATION
Minitek® Pwr 3.0 Connector System



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com