Electronic Components Datasheet Search
  English  ▼

X  

AXIOM40S Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIOM40S
Description  OCXO with Stratum 3E stabilitiy
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM40S Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIOM40S Datasheet HTML 1Page - Advanced XTAL Products AXIOM40S Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXIOM40S
www.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIOM40S
Issue: 01
Date: 2005-07-15
Oscillator type :
OCXO with Stratum 3E stabilitiy
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
5
20
MHz
Standard frequencies
10 / 12.8 / 20
MHz
Frequency stability overall
± 4.6
ppm
Note 2
Initial tolerance
± 500
ppb
at time of shipment
vs. temperature in operating
temperature range
± 10
ppb
steady state
operating temperature range
0
-20
+70
+70
°C
°C
Option II = “070”
Option II = “2070”
vs. supply voltage variation
± 1
ppb
VS ± 5%
vs. load change
± 1
ppb
± 5%
Holdover 24 hours, full temp. range
± 12
ppb
24 hours drift (after 30 days)
± 1
ppb
Telcordia GR-1244 CORE
or ITU-T G.813 Option 1
long term stability over 15 years
± 3.5
ppm
15 years
Frequency adjustment range
Electronic Frequency Control (EFC)
N.A.
N.A.
RF output
Signal waveform
HCMOS
Load
15
pF
Rise & decay time
10
ns
Symmetry (duty cycle)
40
60
%
@ VS/2
Warm-up time @25°C
5
min
∆f
final/f0 < ±0.1 ppm
Phase noise
@ 12.8 MHz
-90
-120
-140
-145
dBc
dBc
dBc
dBc
1 Hz
10 Hz
100 Hz
1000 Hz
Supply voltage VS
3.15
4.75
3.3
5.0
3.65
5.25
V
V
Option I = “33”
Option I = “50”
Current consumption (steady state)
@25°C
350
250
mA
mA
Option I = “33”
Option I = “50”
Current consumption (warm-up)
800
500
mA
mA
Option I = “33”
Option I = “50”
Operable temperature range
-30
+75
°C
Storage temperature range
-40
+85
°C
Enclosure (see drawing) LxWxH (Note 3)
36.1x27.2x19.4 max.
mm
IEC 60679-3 CO 08
Weight
30
gram
Packing
Bulk
ESD Sensitivity
1500
V
HBM IEC 61000-4-2
Notes:
1.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
2.
Overall frequency stability = initial tolerance + temp.stability + supply & load change + 15 years aging
3.
Lower package height (15 mm, 13 mm) on request
Ordering Code:
Model (Specification)
Option I
Option II
Frequency [MHz]
AXIOM40S
50
070
12.800


Similar Part No. - AXIOM40S

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM40 AXTAL-AXIOM40 Datasheet
54Kb / 2P
OCXO high stability, HCMOS Output
2006-07-10
More results

Similar Description - AXIOM40S

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM30S AXTAL-AXIOM30S Datasheet
245Kb / 2P
OCXO Miniature size with Stratum 3E stability
2005-07-15
logo
CTS Corporation
118 CTS-118 Datasheet
102Kb / 4P
1?쓝1??Stratum 3E OCXO
1180026-XXX CTS-1180026-XXX Datasheet
145Kb / 4P
20.000 MHz OCXO Stratum 3E
logo
Connor-Winfield Corpora...
ABOF5S3E CONNOR-WINFIELD-ABOF5S3E Datasheet
188Kb / 2P
STRATUM 3E HCMOS OCXO
ACOF5S3E CONNOR-WINFIELD-ACOF5S3E Datasheet
184Kb / 2P
STRATUM 3E HCMOS OCXO
AIOF5S3E CONNOR-WINFIELD-AIOF5S3E Datasheet
173Kb / 2P
STRATUM 3E 5V HCMOS OCXO
ASOF5S3E CONNOR-WINFIELD-ASOF5S3E Datasheet
203Kb / 2P
SURFACE MOUNT STRATUM 3E HCMOS OCXO
OFC5EF1AB CONNOR-WINFIELD-OFC5EF1AB Datasheet
133Kb / 2P
5.0V HCMOS STRATUM 3E OCXO
OFC5EF3AB CONNOR-WINFIELD-OFC5EF3AB Datasheet
133Kb / 2P
STRATUM 3E HCMOS OCXO
OFC5EF3ABG5 CONNOR-WINFIELD-OFC5EF3ABG5 Datasheet
181Kb / 2P
STRATUM 3E 5V HCMOS OCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com