Electronic Components Datasheet Search
  English  ▼

X  

AXIOM70 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIOM70
Description  OCXO with HCMOS Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM70 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIOM70 Datasheet HTML 1Page - Advanced XTAL Products AXIOM70 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXIOM70
www.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIOM70
Issue: 01
Date: 2007-05-14
Oscillator type :
OCXO with HCMOS Output
Parameter
min.
typ.
max.
Unit
Condition
Frequency Range
10
40
Standard frequencies
10.000 / 12.800 / 19.440
MHz
Frequency stability
Initial tolerance at delivery
± 500
ppb
@+25°C @VC = 2.5 V
vs. temperature in operating
temperature range
± 200
± 100
± 50
± 25
± 10
ppb
ppb
ppb
ppb
ppb
Option II = “200”
Option II = “100”
Option II = “50”
Option II = “25”
Option II = “10”
operating temperature range
-10
+60
°C
vs. supply voltage variation
± 10
ppb
VS ± 5%
vs. load change
± 10
ppb
RL ± 5%
Long term (aging) per day,
after 30 days operation
± 5
± 1
± 10
± 2
ppb
ppb
Option II=“200”, “100”
Option II=“50”,“25”,”10”
long term (aging) 1
st year,
after 30 days operation
± 200
± 100
ppb
ppb
Option II=“200”, “100”
Option II=“50”,“25”,”10”
Frequency adjustment range
Electronic Frequency Control (EFC)
range
± 3
± 0.8
± 1
ppm
ppm
Option II= “200”, “100”
Option II=“50”,“25”,”10”
EFC voltage VC
0.15
0.25
3.15
4.75
V
V
Option I = “33”
Option I = “50”
EFC slope (
∆f / ∆V
C)
positive
EFC input impedance
100
k
Ω
RF output
Signal waveform
HCMOS
Load
15
pF
Rise & decay time
10
ns
Symmetry (duty cycle)
40
60
%
Warm-up time
5
min
∆f
final/f0 < ±0.1 ppm
Supply voltage VS
3.15
4.75
3.3
5.0
3.45
5.25
V
V
Option I = “33”
Option I = “50”
Current consumption (steady state)
@ +25°C
350
250
mA
mA
Option I = “33”
Option I = “50”
Current consumption (warm-up)
900
600
mA
mA
Option I = “33”
Option I = “50”
Operable temperature range
-20
+70
°C
Storage temperature range
-40
+85
°C
Enclosure (see drawing)
25.8x25.8x13.5 max.
mm
Weight
10
gram
Packing
Palette
ESD Sensitivity
1500
V
HBM as in IEC 61000-4-2
Notes:
1.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
Ordering Code:
Model (Specification)
Option I Option II
Frequency [MHz]
AXIOM70
50
25
10.000
Enclosure drawing


Similar Part No. - AXIOM70

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM70S AXTAL-AXIOM70S Datasheet
541Kb / 13P
Low Phase Noise 10 MHz OCXO with HCMOS output for Space Application (COTS)
2018-02-16
More results

Similar Description - AXIOM70

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD351 GOLLEDGE-HCD351 Datasheet
61Kb / 1P
5V OCXO HCMOS Output
HCD361 GOLLEDGE-HCD361 Datasheet
61Kb / 1P
OCXO HCMOS Output
HCD180 GOLLEDGE-HCD180 Datasheet
64Kb / 1P
OCXO HCMOS OUTPUT
HCD190 GOLLEDGE-HCD190 Datasheet
64Kb / 1P
OCXO HCMOS OUTPUT
HCD351 GOLLEDGE-HCD351_15 Datasheet
135Kb / 1P
5V OCXO HCMOS Output
HCD361 GOLLEDGE-HCD361_15 Datasheet
135Kb / 1P
OCXO HCMOS Output
logo
Advanced XTAL Products
AXIOM10-23 AXTAL-AXIOM10-23 Datasheet
100Kb / 2P
High Stability SMD OCXO with HCMOS Output
2014-07-09
AXIOM20-25 AXTAL-AXIOM20-25 Datasheet
94Kb / 2P
OCXO in DIL14 Package with HCMOS Output
AXIOM30-15 AXTAL-AXIOM30-15 Datasheet
87Kb / 2P
High Stability Miniature OCXO with HCMOS Output
AXIOM120 AXTAL-AXIOM120 Datasheet
132Kb / 4P
SMD OCXO with HCMOS Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com