Electronic Components Datasheet Search
  English  ▼

X  

AXIS20 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIS20
Description  PECL VCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIS20 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIS20 Datasheet HTML 1Page - Advanced XTAL Products AXIS20 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXIS20
www.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIS20
Issue: 04
Date: 2005-07-15
Oscillator type : PECL VCXO
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
100
212.5
MHz
Standard frequencies
125.000/155.520
MHz
Frequency stability overall
-20
20
ppm
See Note 1
vs. temperature in operating
temperature range (steady state)
ppm
Included in overall
frequency stability
Operating temperature range
0
70
°C
See Note 2
vs. supply voltage variation
ppm
Included in overall
vs. load change
ppm
Included in overall
long term (aging) per year
-3
3
ppm/year First year @ 40°C
Frequency adjustment range
Electronic Frequency Control (EFC)
range
± 50
ppm
EFC voltage VC
0.3
0.25
3.0
4.75
V
V
Option = “33”
Option = “50”
EFC slope (
∆f / ∆V
C)
positive
EFC linearity
%
EFC input impedance
10
k
Ω
RF output
Signal waveform
LVPECL
PECL
Option = “33”
Option = “50”
Load to Vs – 2V
50
Ω
Output voltage
HIGH UOH
LOW
UOL
VS-1.025
VS-1.62
V
V
Rise & decay time
1
ns
Symmetry (duty cycle)
40
60
%
Start-up time
10
ms
Jitter (R.M.S.)
25
ps
12 kHz ~ 20 MHz
Supply voltage VS
3.13
4.75
3.3
5.0
3.47
5.25
V
V
Option = “33”
Option = “50”
Current consumption (steady state)
80
120
mA
mA
Option = “33”
Option = “50”
Operable temperature range
-45
+90
°C
Storage temperature range
-45
+105
°C
Enclosure (see drawing)
14.4x9.5x6 max
mm
IEC 60679-3 or 61837
Weight
3
gram
Packing
Tape & reel
IEC 60286-3
ESD Sensitivity
1500
V
HBM as in IEC 61000-
4-2
Notes:
1.
Overall frequency stability = stability vs. temperature + vs. supply voltage variation + vs. load change
2.
Extended operating temperature range –40°C to +85°C optionally available
3.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
Ordering Code:
Model (Specification)
Option
Frequency [MHz]
AXIS20
33
155.520


Similar Part No. - AXIS20

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIS207 AXTAL-AXIS207 Datasheet
54Kb / 2P
VCXO
2008-05-07
More results

Similar Description - AXIS20

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AB-X36DXXX NEL-AB-X36DXXX Datasheet
140Kb / 3P
PECL/LVPECL UHF VCXO
SU-X36CXXX NEL-SU-X36CXXX Datasheet
140Kb / 3P
PECL/LVPECL HF VCXO
logo
Golledge Electronics Lt...
GV93 GOLLEDGE-GV93 Datasheet
64Kb / 1P
HIGH FREQUENCY PECL VCXO
logo
Fox Electronics
RFV250 FOX-RFV250 Datasheet
263Kb / 1P
2.5V LVE-PECL VCXO
logo
Jauch Quartz Gmbh
JVE75A JAUCH-JVE75A Datasheet
194Kb / 2P
SMD PECL VCXO
JVE75B JAUCH-JVE75B Datasheet
195Kb / 2P
SMD PECL VCXO
logo
Nel Frequency Controls,...
AB-X36CXXX-X NEL-AB-X36CXXX-X Datasheet
159Kb / 3P
PECL/LVPECL HF VCXO
AB-X36DXX-X NEL-AB-X36DXX-X Datasheet
159Kb / 3P
PECL/LVPECL UHF VCXO
PJ-A3670 NEL-PJ-A3670 Datasheet
99Kb / 3P
VCXO Series (PECL)
logo
Golledge Electronics Lt...
GVXO-34S GOLLEDGE-GVXO-34S Datasheet
575Kb / 5P
5V VCXO - Complementary PECL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com