Electronic Components Datasheet Search
  English  ▼

X  

AP70N12P Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP70N12P
Description  120V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP70N12P Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP70N12P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP70N12P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP70N12P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP70N12P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP70N12P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP70N12P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP70N12P Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP70N12PIT
120V N-Channel Enhancement Mode MOSFET
AP70N12P/T RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
BVDSS
Drain-source breakdown voltage
VGS=0 V, ID=250 μA
120
V
VGS(th)
Gate threshold voltage
VDS=VGS, ID=250 μA
2.0
3.0
4.0
V
RDS(ON)
Drain-source on-state resistance
VGS=10 V, ID=30 A
10.0
mΩ
RDS(ON)
Drain-source on-state resistance
VGS=4.5 V, ID=20 A
mΩ
IGSS
Gate-source leakage current
VGS=±20 V
±100
nA
IDSS
Drain-source leakage current
VDS=120 V, VGS=0 V
1
uA
Ciss
Input capacitance
VGS=0 V,
VDS=50 V,
ƒ=100 kHz
2640.1
pF
Coss
Output capacitance
330.1
pF
Crss
Reverse transfer capacitance
11.2
pF
td(on)
Turn-on delay time
VGS=10 V,
VDS=50 V,
RG=2 Ω,
ID=25 A
22.3
ns
tr
Rise time
9.7
ns
td(off)
Turn-off delay time
85
ns
tf
Fall time
112.3
ns
Qg
Total gate charge
ID=25 A,
VDS=50 V,
VGS=10 V
33.1
nC
Qgs
Gate-source charge
5.6
nC
Qgd
Gate-drain charge
7.2
nC
Vplateau
Gate plateau voltage
3.1
V
IS
Diode forward current
VGS<Vth
50
A
ISP
Pulsed source current
VGS<Vth
150
A
VSD
Diode forward voltage
IS=12 A, VGS=0 V
1.3
V
trr
Reverse recovery time
IS=25 A, di/dt=100 A/μs
62.3
ns
Qrr
Reverse recovery charge
135.3
nC
Irrm
Peak reverse recovery current
3.5
A
Note:
1、Calculated continuous current based on maximum allowable junction temperature.
2、Repetitive rating; pulse width limited by max. junction temperature.
3、Pd is based on max. junction temperature, using junction-case thermal resistance.
4、VDD=50 V, RG=25 Ω, L=0.3 mH, starting Tj=25 °C.
5、The value of RθJA is measured with the device mounted on 1 in 2FR-4 board with 2oz. Copper, in a still air environment
with Ta=25 °C.
15.0
18.0
13.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com