Electronic Components Datasheet Search
  English  ▼

X  

AP70N15P Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP70N15P
Description  150V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP70N15P Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP70N15P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP70N15P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP70N15P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP70N15P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP70N15P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP70N15P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP70N15P Datasheet HTML 7Page - A POWER MICROELECTRONICS AP70N15P Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP70N15PIT
150V N-Channel Enhancement Mode MOSFET
AP70N15P/T RVE1.0
永源微電子科技有限公司
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
BVDSS
Drain-source breakdown voltage
VGS=0 V, ID=250 μA
150
167
V
VGS(th)
Gate threshold voltage
VDS=VGS, ID=250 μA
2.0
3.0
4.0
V
RDS(ON)
Drain-source on-state resistance
VGS=10 V, ID=30 A
22
28
mΩ
IGSS
Gate-source leakage current
VGS=20 V
100
nA
VGS=-20 V
-100
IDSS
Drain-source leakage current
VDS=150 V, VGS=0 V
1
μA
RG
Gate resistance
ƒ=1 MHz, Open drain
4
Ω
Ciss
Input capacitance
VGS=0V,
VDS=75V, ƒ=1MHz
1040
pF
Coss
Output capacitance
138
pF
Crss
Reverse transfer capacitance
8.2
pF
td(on)
Turn-on delay time
VGS=10V,
VDS=75 V, RG=2 Ω,
ID=30 A
21.4
ns
tr
Rise time
35.4
ns
td(off)
Turn-off delay time
40
ns
tf
Fall time
12.2
ns
Qg
Total gate charge
VGS=10V,
VDS=75V,
ID=30 A
15.2
nC
Qgs
Gate-source charge
5.4
nC
Qgd
Gate-drain charge
5.8
nC
trr
Reverse recovery time
VR=50 V,
IS=65A, di/dt=100 A/μs
68
ns
Qrr
Reverse recovery charge
95
nC
Irrm
Peak reverse recovery current
210
A
VSD
Diode forward voltage
IS=30A, VGS=0 V
1.3
V
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is VDD=72V,VGS=10V,L=0.1mH,IAS=40A
4、The power dissipation is limited by 150
℃ junction temperature
5、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com