Electronic Components Datasheet Search
  English  ▼

X  

PT2313 Datasheet(PDF) 12 Page - Princeton Technology Corp

Part # PT2313
Description  4-Channel Audio Processor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2313 Datasheet(HTML) 12 Page - Princeton Technology Corp

Back Button PT2313 Datasheet HTML 8Page - Princeton Technology Corp PT2313 Datasheet HTML 9Page - Princeton Technology Corp PT2313 Datasheet HTML 10Page - Princeton Technology Corp PT2313 Datasheet HTML 11Page - Princeton Technology Corp PT2313 Datasheet HTML 12Page - Princeton Technology Corp PT2313 Datasheet HTML 13Page - Princeton Technology Corp PT2313 Datasheet HTML 14Page - Princeton Technology Corp PT2313 Datasheet HTML 15Page - Princeton Technology Corp PT2313 Datasheet HTML 16Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
PTC Princeton Technology Corp.
Tel : 886-2-29162151
Fax : 886-2-29174598
4-Channel Audio Processor IC
PT2313
PT2313 v 1
Page 12
Written Feb. 1997
General
eNO
Output Noise
BW==20-20KHz, flat
Output Muted
All gains=0dB
2.5
5
15
uV
uV
A Curve All Gains=0dB
3
uV
S/N
Signal to Noise
Ratio
All Gains=0dB
Vo=1Vrms
106
dB
d
Distortion
AV=0, VIN=1Vrms
AV=-20dB, VIN=1Vrms
VIN=0.3Vrms
0.01
0.09
0.04
0.1
0.3
%
%
%
Sc
Channel
Separation
Left/Right
80
103
dB
Total Tracking
Error
AV=0 to -20dB
-20 to -60dB
0
0
1
2
dB
dB
Bus Inputs
VIL
Input Low
Voltage
1
V
VIH
Input High
Voltage
3
V
IIN
Input Current
-5
+5
uA
Vo
Output Voltage
SDA
Acknowledge
Io=1.6mA
0.4
V
Note: (1) For the Bass and Treble response please, refer to the diagram below. The
center frequency and quality of the resonance behavior can be selected by the external
circuitry. A standard first order bass response can realized by a standard feedback
network.
(2) The selected input is grounded thru the 2.2uF capacitor.
(dB)
10
5
0
5
10
15
10 30 100 300 1K 3K 10K f (Hz)
Typical Tone Response (with the ext. Components indicated in the test circuit)
AV=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com