Electronic Components Datasheet Search
  English  ▼

X  

UD200 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # UD200
Description  Heavy duty polyurethane concrete flooring system
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UD200 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UD200 Datasheet HTML 1Page - List of Unclassifed Manufacturers UD200 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UCRETEUD200
Page 2 of 2
CLEANING
Regular cleaning, dry or wet mechanical scrubbing or hot
flushing with detergents or detergent/ steriant product will
enhance the floor's appearance and reduce soiling
tendencies. Direct steam cleaning is suitable for floors
applied at more than 8mm thickness.
ESTIMATING DATA
2.45 to 2.50 kg/m²/mm thickness
PACKAGING
Ucrete UD200 is supplied as complete units for
immediate use, consisting of:
Ucrete UD200 Part 1 : 2.65 kg
Ucrete UD200 Part 2 : 2.64 kg
Ucrete UD200 Part 3 : 24
kg
SHELF LIFE
Ucrete UD 200 can be kept for 12 months from date of
manufacture if stored above ground level in original
unopened packing under cover, avoiding direct sunlight
impingement and at 30°C or less.
PRECAUTIONS
Material Safety Data Sheets (MSDS) for each
component of Ucrete UD200 are available. Gloves and
eye protection shall be worn during mixing and
application.
For
detailed
Health,
Safety
and
Environmental
Recommendations,
please
consult
and
follow
instructions on the product Material Safety Data Sheet.
REFERENCES
'Design and Preparation of substrates for Ucrete
Flooring'
'BS8204: Part 1: 1987 - Insitu Flooring - code of practice
for concrete bases and screed to receive insitu flooring'
'ICRI - Selection of Surface preparation methods for
concrete substrates receiving resin flooring.'
MBT product data sheets for: EMACO
® concrete repair
products, Ucrete MF.
Ref No. U UD200/02/0301
STATEMENT OF
RESPONSIBILITY
The technical information and application advice given in this MBT publication are based on the present
state of our best scientific and practical knowledge. As the information herein is of a general nature no
assumption can be made as to a product's suitability for a particular use or application and no warranty
as to its accuracy, reliability or completeness either expressed or implied is given other than those
required by law. The user, is responsible for checking the suitability of products for their intended use.
NOTE
Field service where provided does not constitute supervisory responsibility. Suggestions made by MBT
either orally or in writing may be followed, modified or rejected by the owner, engineer or contractor
since they, and
not MBT are responsible for carrying out procedures appropriate to a specific
application.
Degussa Construction Chemicals (Thailand) Ltd.
127/23 Panjathani Tower, 18
th Floor, Nonsee Road,
Chongnonsee, Yannawa, Bangkok 10120 Thailand
T +66 2681 1020 F +66 2681 1034



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com