Electronic Components Datasheet Search
  English  ▼

X  

PA0216 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # PA0216
Description  TSOP-32(II) to DIP-32 SMT Adapter (1.27 mm pitch, 10.16 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0216 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  PA0216 Datasheet HTML 1Page - Proto Advantage SMD Adapter PA0216 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
TSOP-32(II) to DIP-32 SMT Adapter (1.27 mm pitch, 10.16 mm body)
DIMENSIONS
mm
inches
REF.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
9.20
B
3.00
C
0.60
D
0.67
E
1.27
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2009 Proto Advantage, a Concept to Life Solutions Inc. Company
A
B
C
D
E
P
P
PA
A
A0
0
02
2
21
1
16
6
6


Similar Part No. - PA0216

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0216-S PROTOADVANTAGE-PA0216-S Datasheet
41Kb / 1P
TSOP-32(II) Stencil (1.27 mm pitch, 10.16 mm body)
revision 1.0
More results

Similar Description - PA0216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-TRP-RR2B TI-RI-TRP-RR2B_08 Datasheet
100Kb / 4P
32 mm Glass Transponder
logo
Aries Electronics, Inc.
32-655000-10 ARIES-32-655000-10 Datasheet
676Kb / 1P
TSOP-to-DIP 0.600 [15.24] Adapter
logo
Harwin Plc
M50-3600142 HARWIN-M50-3600142 Datasheet
136Kb / 1P
1.27 mm PITCH DIL VERTICAL SMT PIN HEADER
M50-4300345 HARWIN-M50-4300345 Datasheet
98Kb / 1P
1.27 mm PITCH DIL VERTICAL SMT SOCKET ASSY
M50-4905045 HARWIN-M50-4905045 Datasheet
85Kb / 1P
1.27 mm PITCH DIL SMT PIN HEADER ASSY
logo
Texas Instruments
RI-TRP-RR2B TI-RI-TRP-RR2B_12 Datasheet
104Kb / 4P
32 mm Glass Transponder
logo
Pasternack Enterprises,...
PE9756 PASTERNACK-PE9756 Datasheet
253Kb / 2P
10-32 Female to 10-32 Female Adapter
logo
Texas Instruments
RI-TRP-DR2B-30 TI-RI-TRP-DR2B-30 Datasheet
84Kb / 5P
32 mm Glass Transponder
logo
List of Unclassifed Man...
PA32TS32D-14 ETC2-PA32TS32D-14 Datasheet
81Kb / 2P
32 PIN TSOP SOCKET ADAPTER
logo
Aries Electronics, Inc.
18041 ARIES-18041 Datasheet
746Kb / 1P
Series 655000 TSOP-to-DIP 0.600 15.24 Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com