Electronic Components Datasheet Search
  English  ▼

X  

PA20321 Datasheet(PDF) 2 Page - IMO Precision Controls Ltd.

Part # PA20321
Description  Footswitches PX/PA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMO [IMO Precision Controls Ltd.]
Direct Link  https://imopc.com/
Logo IMO - IMO Precision Controls Ltd.

PA20321 Datasheet(HTML) 2 Page - IMO Precision Controls Ltd.

  PA20321 Datasheet HTML 1Page - IMO Precision Controls Ltd. PA20321 Datasheet HTML 2Page - IMO Precision Controls Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.imopc.com
Footswitches PX/PA continued
PX/PA/03/03
Specification
Cable glands
Contact blocks
Contact ratings
Plug and socket footswitches
Cable glands are available to enable standard multi-core cables to be
connected without the use of conduit.
Two sizes are possible:
Part number
Cable size
PG13.5
ø9-12mm
PG13.5/6
ø6-9mm
Rated thermal current Ith
10A
Rated working voltage
500VAC/600VDC
Initial contact resistance
<25 mOhms
Contact gap
>2.5mm (2 x 1.25mm conforming to
VDE 0660 part 206)
Contact material
silver
Dielectric strength
2000VAC, 50/60Hz for 1 minute between
open contacts
2000VAC, 50/60Hz for 1 minute between
current-carrying parts and ground
Ambient operating temperature
–25 to +80 deg. C
Ambient humidity
95% r.h.
Maximum wire size
2 x 1.5mm2 flexible, 2 x 2.5mm2 solid
Conduit entry
PG13.5
All PX series footswitches can be converted to a plug-in style by the addition
of an adaptor. See previous page for diagram.
The adaptor is screwed into the footswitch and the four flying leads connected
to the four terminals of the contact block. Suitable 4-wire plug leads are
available.
Ratings:
250VAC/300VDC
3A
IP67
The contact blocks can also be purchased separately without the
footswitches and be used as stand-alone limit switches.
The contacts are electrically separated so it is possible to connect
different voltages to NO and NC circuits i.e. Zb contacts. The NC
contacts also have positive break, i.e. suitable for safety circuits.
Contact arrangements:
Note: There is space under the terminal cover to allow the fitting of a small amount of
control components, e.g. relays, terminal blocks etc., which should be secured to
prevent interference with the footswitch mechanism.
Terminal screws: M3.5
with rising cable clamps.
Maximum screw
tightening torque:
0.8Nm (8kg cm).
13
14
21
22
1NO+1NC
VF B501
VF B901
11
12
21
22
2NC
13
14
21
22
1NO+1NC
13
14
23
24
2NO
VF B601
VF B1001
BS/EN 60947-5-1
AC15
230VAC
6A
400VAC
4A
500VAC
1A
DC13
24VDC
6A
125VDC
1.1A
250VDC
0.4A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com