Electronic Components Datasheet Search
  English  ▼

X  

MCA01 Datasheet(PDF) 2 Page - IMO Precision Controls Ltd.

Part # MCA01
Description  DOL Starters P1M
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMO [IMO Precision Controls Ltd.]
Direct Link  https://imopc.com/
Logo IMO - IMO Precision Controls Ltd.

MCA01 Datasheet(HTML) 2 Page - IMO Precision Controls Ltd.

  MCA01 Datasheet HTML 1Page - IMO Precision Controls Ltd. MCA01 Datasheet HTML 2Page - IMO Precision Controls Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.imopc.com
DOL Starters P1M continued
P1M/03/03
AC3 Rating at 400V
Description
Product
Amps
kW
HP
9
4
6
Start-Stop P/B
P1MT09
16
7.5
11.5
Start-Stop P/B
P1MT16
9
4
6
Reset P/B
P1MR09
16
7.5
11.5
Reset P/B
P1MR16
9
4
6
H-O-A
P1MW09
16
7.5
11.5
H-O-A
P1MW16
Selection and product ordering codes
Accessories
Circuit diagrams
Control circuit
Starter
Overload
Range Amps
Product
Range Amps
Product
0.12–0.18
U1216E0.18
2.7–4
U1216E4
0.18–0.27
U1216E0.27
4–6
U1216E6
0.27–0.4
U1216E0.4
6–9
U1216E9
0.4–0.6
U1216E0.6
8–11
U1216E11
0.6–0.9
U1216E0.9
10–14
U1216E14
0.8–1.2
U1216E1.2
13–18
U1216E18
1.2–1.8
U1216E1.8
17–23
U1216E23
1.8–2.7
U1216E2.7
23–30
U1216E30
Starters are wired to accept overload. Overloads supplied as separate item.
Specify coil voltage.
Description
Product
Normally open auxiliary – Max 3
MCA10
Normally closed auxiliary – Max 3
MCA01
Anti-condensation heater – 415V 1.5W
K2HR
Lens cap
LG9743
Description
Product
Green indicator (Current)
K2-ING
Red indicator (Current)
K2-INR
Neutral terminal
LG9744
Wiring 3 Phase Motors
Dimensions (mm)
P1M T09
P1M T16
P1M W09
P1M W16
Single Phase Motors
P1M T09 P1M T16 P1M W09 P1M W16



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com