Electronic Components Datasheet Search
  English  ▼

X  

INA151 Datasheet(PDF) 25 Page - Texas Instruments

Part # INA151
Description  INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA151 Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA151 Datasheet HTML 21Page - Texas Instruments INA151 Datasheet HTML 22Page - Texas Instruments INA151 Datasheet HTML 23Page - Texas Instruments INA151 Datasheet HTML 24Page - Texas Instruments INA151 Datasheet HTML 25Page - Texas Instruments INA151 Datasheet HTML 26Page - Texas Instruments INA151 Datasheet HTML 27Page - Texas Instruments INA151 Datasheet HTML 28Page - Texas Instruments INA151 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
Table 8-2. INA151B - Typical and Maximum DC Accuracy Calculations for FSR of 4.5V (continued)
Error Source
Error Calculation for FSR=4.5V
Spec
(Typ)
Error
(PPM)
Spec
(Max)
Error
(PPM)
Total error (RSS)
VOSI2+GE2+CMRRERROR2
45.5
272.6
Table 8-3. Typical Error Budget of C2000-xxF25 ADC
Error Source
Parameter (typical)
Voltage Error for CELL1
(ppm)
Voltage Error for CELL16
(ppm)
ADC
Offset Voltage
488
488
Gain Error
688 (at 3.1V)
688 (at 3.1V)
INL
244
244
ADC Typical Error
878
878
Total Typical Error
(RSS)
902
902
Based on above error budget analysis the dominant error source is the internal ADC with a typical error value
of 878ppm more then twenty larger compared to the error of INA151 with 45ppm. Considering RSS (Root-Sum-
Squares) calculation of the errors results in a total error of 902ppm which relates to an accuracy of 0.09% of full
scale.
8.2.1.2.2 RC Filter Design Consideration
SAR ADCs use a sampling capacitor that create high-amplitude, fast-rising current transients during sampling,
which can propagate back to the driving amplifier and cause instability or noise coupling. An RC filter between
the amplifier output and ADC input isolates these kickback currents, provides a charge reservoir to supply
instantaneous current demands, and maintains amplifier stability. The filter also provides anti-aliasing protection
and bandwidth limiting to optimize signal-to-noise ratio while providing proper settling within the acquisition time
window of the ADC.
This section outlines calculations how to design the RC filter for a typical accuracy target of ±0.5LSB.
In the first step examine the sample and hold capacitor used in the chosen ADC. Given the application example
of Figure 8-2 the internal ADC of the TMS320F28002x Microcontroller deploys a sample and hold capacitor is
Csh = 7.5pF. A practical choice for the filter capacitor is:
Cfilt≥20×Csh
(1)
In this example select Cfilt = 150pF.
The second step is to determine the filter resistor, Rfilt. The sampling time constant can be approximated as the
RSS of the settling time of the amplifier (τOA) and the RC filter (τRC), thus:
τsℎ= τRC2+ τOA2
(2)
whereas:
τOA= 12π×BW151
(3)
For proper settling performance, set τRC 4 times τOA. Applying the standard RC charge equation based on TIPL
4406 yields to a RC filter constant time of:
τRC= −tacq×4
ln 0.5×FSR2N
Vdroop × 17
(4)
www.ti.com
INA151
SLVSIL6C – JANUARY 2026 – REVISED APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: INA151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com