Electronic Components Datasheet Search
  English  ▼

X  

INA151BDDFR Datasheet(PDF) 15 Page - Texas Instruments

Part # INA151BDDFR
Description  INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA151BDDFR Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA151BDDFR Datasheet HTML 11Page - Texas Instruments INA151BDDFR Datasheet HTML 12Page - Texas Instruments INA151BDDFR Datasheet HTML 13Page - Texas Instruments INA151BDDFR Datasheet HTML 14Page - Texas Instruments INA151BDDFR Datasheet HTML 15Page - Texas Instruments INA151BDDFR Datasheet HTML 16Page - Texas Instruments INA151BDDFR Datasheet HTML 17Page - Texas Instruments INA151BDDFR Datasheet HTML 18Page - Texas Instruments INA151BDDFR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±5V, RL = 10kΩ, CL = 10pF, VREF = VS / 2, VCM = (VIN+ + VIN–) / 2 = VS / 2, and G = 1 (A) (unless
otherwise noted)
Time ( s)
-10
0
10
20
30
40
50
60
70
-0.6
-3
-0.4
-2
-0.2
-1
0
0
0.2
1
0.4
2
0.6
3
0.8
4
1
5
1.2
6
Output
Enable
.
Figure 6-41. Enable/Disable vs Time
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
-40
-20
0
20
40
ISC, Sinking
ISC, Sourcing
.
Figure 6-42. Short-Circuit Current vs Temperature
Time ( s)
-120 -100 -80
-60
-40
-20
0
20
40
60
80
100
-1
-3.5
-0.5
-3
0
-2.5
0.5
-2
1
-1.5
1.5
-1
2
-0.5
2.5
0
3
0.5
3.5
1
4
1.5
4.5
2
5
2.5
5.5
3
6
3.5
Input Voltage
Output Voltage
.
Figure 6-43. Overload Recovery
Temperature ( C)
-60
-40
-20
0
20
40
60
80
100
120
140
400
410
420
430
440
450
460
470
480
490
500
VS = 5V
VS = 10V
.
Figure 6-44. Quiescent Current vs Temperature, G=1
www.ti.com
INA151
SLVSIL6C – JANUARY 2026 – REVISED APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: INA151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com