Electronic Components Datasheet Search
  English  ▼

X  

B3M Datasheet(PDF) 3 Page - IMO Precision Controls Ltd.

Part # B3M
Description  Pushbuttons B3
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMO [IMO Precision Controls Ltd.]
Direct Link  https://imopc.com/
Logo IMO - IMO Precision Controls Ltd.

B3M Datasheet(HTML) 3 Page - IMO Precision Controls Ltd.

  B3M Datasheet HTML 1Page - IMO Precision Controls Ltd. B3M Datasheet HTML 2Page - IMO Precision Controls Ltd. B3M Datasheet HTML 3Page - IMO Precision Controls Ltd. B3M Datasheet HTML 4Page - IMO Precision Controls Ltd. B3M Datasheet HTML 5Page - IMO Precision Controls Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.imopc.com
Pushbuttons B3 continued
B3/07/08
Options and ordering codes
B4
TU
01
T
TU
Series
Contact block
Contact block inverted
terminals
1 break
1 make
B4
B3
01
10
F
Lamp holder
Lamp holder with series resistor
Lamp holder with transformer
F
FW
FST
Description
Product
1 make
B3T10
1 break
B3T01
Contact assemblies
Description
Product
Lamps BA9S
6V 24V 42V 1.2W 130V 2.6W Lamp _ _ V
Neon 240V 110V
Neon _ _ V
Legend plate with holder
Holder
P751
Blank
BK4-9736
Legends–start–stop–reset–
fwd–rev–hoa
BK4 _ _ LEG
Mounting Collars
B3S/B3M
Base or DIN mounting adaptor B4U
Sealing shroud 0 to 50˚C
P279-1
Sealing shroud -40 to +60˚C P279-2
Spare key
B4-R455
Adaptor ring for 30.5mm holes B4-7282
Coupler for BKLG enclosures
B4-8852
Actuator – insert for centre
position
P642
Push button wrench
J7049
Contacts for use with enclosures
1 make
B4TU10
1 break
B4TU01
2 makes
B4TU20
2 breaks
B4TU02
1 make + 1 break
B4TU11
With lamp holder
1 make
B4TU10F
1 break
B4TU01F
2 makes
B4TU20F
2 breaks
B4TU02F
1 make + 1 break
B4TU11F
Accessories
Description
Product
Lamp holder only (1.7W max)
B3F
Lamp holder with dropper resistor
110 or 230V AC – down to 42V
B3FW
Lamp holder with series resistor
230 down to 130V 2.6W
B3FR
Lamp holder and transformer
230 or 415V AC – down to 6V
B4FST
Transformer only
230 or 415V AC – down to 6V
B4ST
Lamp holder and contact assemblies
Description
Product
Contacts for use with enclosures
With series resistor 110 or 240V AC
to 42V lamp 1 make
B4TU10FW
1 break
B4TU01FW
Lamp base only for BA9S
B4FU
Lamp base and resistor 110 or 240V AC
to 42V lamp
B4FWU
Transformer and lamp base 240 or
415V to 6V lamp
B4FSTU
Enclosures
Single
BG1
Single with yellow lid
BG1YEL
Double
BG2
Triple
BG3
Assembled units
Emergency stop 40mm
maintained turn to release yellow
lid with 2 N/C contacts
BG10P34
Emergency stop 40mm
maintained key release yellow
lid with 2 N/C contacts
BG10P44S3
Start-stop flush green
and red pushbuttons 2 way with
1 N/O and 1 N/C contact
BG20
Mushroom pushbutton red
Ø70mm yellow lid with 2 N/C
contacts
BG10P34P
Foot and Palm switch
mushroom pushbutton Ø70mm
grey with 1 N/O and 1 N/C
contacts
BG10P14PGR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com