Electronic Components Datasheet Search
  English  ▼

X  

LM3S6950 Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # LM3S6950
Description  Microcontroller
PDF  524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LM3S6950 Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button LM3S6950 Datasheet HTML 69Page - List of Unclassifed Manufacturers LM3S6950 Datasheet HTML 70Page - List of Unclassifed Manufacturers LM3S6950 Datasheet HTML 71Page - List of Unclassifed Manufacturers LM3S6950 Datasheet HTML 72Page - List of Unclassifed Manufacturers LM3S6950 Datasheet HTML 73Page - List of Unclassifed Manufacturers LM3S6950 Datasheet HTML 74Page - List of Unclassifed Manufacturers LM3S6950 Datasheet HTML 75Page - List of Unclassifed Manufacturers LM3S6950 Datasheet HTML 76Page - List of Unclassifed Manufacturers LM3S6950 Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 524 page
background image
Register 8: Run-Mode Clock Configuration (RCC), offset 0x060
This register is defined to provide source control and frequency speed.
Run-Mode Clock Configuration (RCC)
Base 0x400F.E000
Offset 0x060
Type R/W, reset 0x07AE.3AD1
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
reserved
PWMDIV
USEPWMDIV
reserved
USESYSDIV
SYSDIV
ACG
reserved
RO
R/W
R/W
R/W
R/W
RO
R/W
R/W
R/W
R/W
R/W
R/W
RO
RO
RO
RO
Type
0
1
1
1
0
1
0
1
1
1
1
0
0
0
0
0
Reset
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
MOSCDIS
IOSCDIS
reserved
OSCSRC
XTAL
reserved
BYPASS
reserved
PWRDN
reserved
R/W
R/W
RO
RO
R/W
R/W
R/W
R/W
R/W
R/W
RO
R/W
RO
R/W
RO
RO
Type
1
0
0
0
1
0
1
1
0
1
0
1
1
1
0
0
Reset
Description
Reset
Type
Name
Bit/Field
Software should not rely on the value of a reserved bit. To provide
compatibility with future products, the value of a reserved bit should be
preserved across a read-modify-write operation.
0x0
RO
reserved
31:28
Auto Clock Gating
This bit specifies whether the system uses the Sleep-Mode Clock
Gating Control (SCGCn) registers and Deep-Sleep-Mode Clock
Gating Control (DCGCn) registers if the controller enters a Sleep or
Deep-Sleep mode (respectively). If set, the SCGCn or DCGCn registers
are used to control the clocks distributed to the peripherals when the
controller is in a sleep mode. Otherwise, the Run-Mode Clock Gating
Control (RCGCn) registers are used when the controller enters a sleep
mode.
The RCGCn registers are always used to control the clocks in Run
mode.
This allows peripherals to consume less power when the controller is
in a sleep mode and the peripheral is unused.
0
R/W
ACG
27
73
June 14, 2007
Luminary Micro Confidential-Advance Product Information
LM3S6950 Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com