Electronic Components Datasheet Search
  English  ▼

X  

CD74HCT03MTG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74HCT03MTG4
Description  High-Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT03MTG4 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HCT03MTG4 Datasheet HTML 1Page - Texas Instruments CD74HCT03MTG4 Datasheet HTML 2Page - Texas Instruments CD74HCT03MTG4 Datasheet HTML 3Page - Texas Instruments CD74HCT03MTG4 Datasheet HTML 4Page - Texas Instruments CD74HCT03MTG4 Datasheet HTML 5Page - Texas Instruments CD74HCT03MTG4 Datasheet HTML 6Page - Texas Instruments CD74HCT03MTG4 Datasheet HTML 7Page - Texas Instruments CD74HCT03MTG4 Datasheet HTML 8Page - Texas Instruments CD74HCT03MTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS126D
Features
• Buffered Inputs
• Typical Propagation Delay: 8ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Output Pull-up to 10V
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC03 and ’HCT03 logic gates utilize silicon gate CMOS
technology to achieve operating speeds similar to LSTTL
gates with the low power consumption of standard CMOS
integrated circuits. All devices have the ability to drive 10
LSTTL loads. The HCT logic family is functionally as well as
pin compatible with the standard LS logic family.
These open drain NAND gates can drive into resistive loads
to output voltages as high as 10V. Minimum values of RL
required versus load voltage are shown in Figure 2.
Pinout
CD54HC03, CD54HCT03
(CERDIP)
CD74HC03, CD74HCT03
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC03F3A
-55 to 125
14 Ld CERDIP
CD54HCT03F3A
-55 to 125
14 Ld CERDIP
CD74HC03E
-55 to 125
14 Ld PDIP
CD74HC03M
-55 to 125
14 Ld SOIC
CD74HC03MT
-55 to 125
14 Ld SOIC
CD74HC03M96
-55 to 125
14 Ld SOIC
CD74HCT03E
-55 to 125
14 Ld PDIP
CD74HCT03M
-55 to 125
14 Ld SOIC
CD74HCT03MT
-55 to 125
14 Ld SOIC
CD74HCT03M96
-55 to 125
14 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel
of 250.
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
February 1998 - Revised September 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC03, CD74HC03,
CD54HCT03, CD74HCT03
High-Speed CMOS Logic
Quad 2-Input NAND Gate with Open Drain
[ /Title
(CD74H
C03,
CD74H
CT03)
/Subject
(High
Speed
CMOS
Logic
Quad 2-
Input


Similar Part No. - CD74HCT03MTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT03MTG4 TI-CD74HCT03MTG4 Datasheet
415Kb / 13P
High-Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain
More results

Similar Description - CD74HCT03MTG4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jun-1999
logo
Texas Instruments
CD54HC00 TI-CD54HC00 Datasheet
33Kb / 10P
High Speed CMOS Logic Quad 2-Input NAND Gate
CD74HC03 TI-CD74HC03 Datasheet
46Kb / 6P
High Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain
CD54HC03 TI-CD54HC03 Datasheet
258Kb / 9P
High-Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain
logo
NXP Semiconductors
74LVC38A PHILIPS-74LVC38A Datasheet
99Kb / 14P
Quad 2-input NAND gate (open drain)
2004 Mar 22
logo
Texas Instruments
CD54HC03 TI-CD54HC03_07 Datasheet
415Kb / 13P
High-Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_12 Datasheet
208Kb / 7P
Quad 2-Input NAND Gate (open drain)
logo
Texas Instruments
CD74HC00M96G4 TI1-CD74HC00M96G4 Datasheet
615Kb / 15P
High-Speed CMOS Logic Quad 2-Input NAND Gate
CD54HC00 TI1-CD54HC00_14 Datasheet
618Kb / 15P
High-Speed CMOS Logic Quad 2-Input NAND Gate
CD54HC00 TI1-CD54HC00_16 Datasheet
392Kb / 11P
High-Speed CMOS Logic Quad 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com