Electronic Components Datasheet Search
  English  ▼

X  

FEN30FP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FEN30FP
Description  30A Super Fast Recovery Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FEN30FP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FEN30FP Datasheet HTML 1Page - List of Unclassifed Manufacturers FEN30FP Datasheet HTML 2Page - List of Unclassifed Manufacturers FEN30FP Datasheet HTML 3Page - List of Unclassifed Manufacturers FEN30FP Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
30A Super Fast Recovery Rectifier
Rev. A/AH 2008-03-28
FEN30FP – FEN30JP
www.taitroncomponents.com
Page 2 of 4
Fig.1-Forward Current Derating Curve
Case Temperature (°C)
Fig.2-Max. Non-Repetitive Peak Forward Surge Current
per leg
Number of Cycles at 60Hz
Typical Characteristics Curves
Symbol
Description
FEN
30FP
FEN
30GP
FEN
30HP
FEN
30JP
Unit
Conditions
VF
Maximum
Instantaneous
Forward Voltage per leg
1.30
1.50
V
IF=15A, TC=25° C
10
TC=25° C
IR
Maximum DC Reverse
Current at Rated DC
Blocking Voltage per leg
700
µA
TC=125° C
Trr
Typical Reverse
Recovery Time per leg
50
nS
IF=0.5A, IR=1A,
Irr=0.25A
CJ
Typical Junction
Capacitance per leg
150
120
pF
VR=4V, f=1MHz
TJ,TSTG
Operating and Storage
Junction Temperature
Range
-65 to +150
° C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com