Electronic Components Datasheet Search
  English  ▼

X  

AP85N03DF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP85N03DF
Description  30V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP85N03DF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP85N03DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP85N03DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP85N03DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP85N03DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP85N03DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP85N03DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP85N03DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP85N03DF
30V N-Channel Enhancement Mode MOSFET
AP85N03DF REV1.0
永源微電子科技有限公司
Description
The AP85N03DF uses advanced APM-SGT V technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 30V ID =85A
RDS(ON) < 1.8mΩ @ VGS=10V (Type:1.3mΩ)
Application
Boost driver
Brushless motor
BLDC
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP85N03DF
PDFN3*3-8L
AP85N03DF XXX YYYY
5000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
85
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
80
A
IDM
Pulsed Drain Current2
600
A
EAS
Single Pulse Avalanche Energy3
180
mJ
IAS
Avalanche Current
54
A
PD@TC=25℃
Total Power Dissipation4
66
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
85
℃
/W
RθJC
Thermal Resistance Junction-Case1
1.7
℃
/W


Similar Part No. - AP85N03DF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP85N03BDF APME-AP85N03BDF Datasheet
888Kb / 7P
30V N-Channel Enhancement Mode MOSFET
REV1.0
AP85N03NF APME-AP85N03NF Datasheet
873Kb / 7P
30V N-Channel Enhancement Mode MOSFET
More results

Similar Description - AP85N03DF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com