Electronic Components Datasheet Search
  English  ▼

X  

D10 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # D10
Description  Standard Thick Film Chip Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D10 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button D10 Datasheet HTML 5Page - Vishay Siliconix D10 Datasheet HTML 6Page - Vishay Siliconix D10 Datasheet HTML 7Page - Vishay Siliconix D10 Datasheet HTML 8Page - Vishay Siliconix D10 Datasheet HTML 9Page - Vishay Siliconix D10 Datasheet HTML 10Page - Vishay Siliconix D10 Datasheet HTML 11Page - Vishay Siliconix D10 Datasheet HTML 12Page - Vishay Siliconix D10 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
D/CRCW e3
www.vishay.com
Vishay
Revision: 14-Apr-2026
9
Document Number: 20035
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
10.3
-
Climatic sequence:
-
± (1 %
R + 0.05 Ω)± (2 % R + 0.1 Ω)
10.3.4.2
2 (Bb)
Dry heat
125 °C; 16 h
10.3.4.3
30 (Db)
Damp heat, cyclic
55 °C;
≥ 90 % RH;
24 h; 1 cycle
10.3.4.4
1 (Ab)
Cold
-55 °C; 2 h
10.3.4.5
13 (M)
Low air pressure
8.5 kPa; 2 h;
(25 ± 10) °C;
55 °C; > 90 % RH
10.3.4.6
30 (Db)
Damp heat, cyclic
5 days; 5 cycles
10.3.4.7
-
DC load
Standard operation
mode
U =
≤ Umax.;
1 min
-
1 (Ab)
Cold
-55 °C; 2 h
± (0.25 %
R + 0.05 Ω)
± (0.5 %
R + 0.05 Ω)
10.1
14 (Na)
Rapid change
of temperature
30 min at -55 °C;
and 30 min at 125 °C;
1000 cycles
± (1 %
R + 0.05 Ω)
no visible damage
8.1
-
Short-term overload
U = 2.5 x
≤ 2 x Umax.;
whichever is the
less severe; 5 s
± (2 %
R + 0.05 Ω)
8.2
-
Single pulse high voltage
overload, 10 μs/700 μs
Severity no. 4:
U = 10 x
≤ 2 x
Umax.;
whichever is the
less severe;
10 pulses 10 μs/700 μs
± (1 %
R + 0.05 Ω)
no visible damage
Single pulse high
voltage overload,
10 μs/700 μs
Extended operation mode
Severity no. 4:
U = 10 x
≤ 2 x Umax.;
whichever is the less severe;
10 pulses 10 μs/700 μs
± (2 %
R + 0.1 Ω)
no visible damage
8.4
-
Periodic electric overload
U =
or ≤ 2 x
Umax.;
whichever is the less severe;
0.1 s on; 2.5 s off;
1000 cycles
± (1 %
R + 0.05 Ω)
no visible damage
Periodic electric overload
Extended operation mode
U =
or
≤ 2 x Umax.;
whichever is the less severe;
0.1 s on; 2.5 s off;
1000 cycles
± (2 %
R + 0.1 Ω)
no visible damage
8.5
-
Electrostatic
discharge
(human body
model)
IEC 61340-3-1 (1);
3 pos. + 3 neg. discharges;
ESD voltage acc. to the size:
D10/CRCW0402 e3: 400 V
D11/CRCW0603 e3: 800 V
D12/CRCW0805 e3: 1000 V
D25/CRCW1206 e3: 2000 V
CRCW1210 e3 to
CRCW2512 e3:
≥ 2000 V
± (1 %
R + 0.05 Ω)
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS PERMISSIBLE
CHANGE (
ΔR) (1)
STABILITY CLASS 1
OR BETTER
STABILITY CLASS 2
OR BETTER
Stability for
product types:
D10/CRCW0402 e3 to CRCW2512 e3
D/CRCW e3
1
Ω to 10 MΩ
P
70 x R
P
70 x R
P
70 x R
P
70 x R
15 x P
70 x R
15 x P
70 x R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com