Electronic Components Datasheet Search
  English  ▼

X  

592D Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 592D
Description  Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated, Maximum CV, Low ESR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

592D Datasheet(HTML) 4 Page - Vishay Siliconix

  592D Datasheet HTML 1Page - Vishay Siliconix 592D Datasheet HTML 2Page - Vishay Siliconix 592D Datasheet HTML 3Page - Vishay Siliconix 592D Datasheet HTML 4Page - Vishay Siliconix 592D Datasheet HTML 5Page - Vishay Siliconix 592D Datasheet HTML 6Page - Vishay Siliconix 592D Datasheet HTML 7Page - Vishay Siliconix 592D Datasheet HTML 8Page - Vishay Siliconix 592D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
594D
www.vishay.com
Vishay Sprague
Upgrade for High Reliability With T95
Revision: 06-Nov-2025
4
Document Number: 40006
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
16 VDC AT +85 °C, 10 VDC AT +125 °C
15
B
594D156(1)016B(2)(3)
2.40
6
0.550
0.39
22
B
594D226(1)016B(2)(3)
3.50
6
0.500
0.41
33
B
594D336(1)016B(2)(3)
5.30
6
0.500
0.41
33
C
594D336(1)016C(2)(3)
5.30
6
0.150
0.86
47
B
594D476(1)016B(2)(3)
7.50
6
0.720
0.34
47
C
594D476(1)016C(2)(3)
7.50
6
0.110
1.00
68
C
594D686(1)016C(2)(3)
10.90
6
0.123
0.95
68
D
594D686(1)016D(2)(3)
10.90
6
0.095
1.26
100
C
594D107(1)016C(2)(3)
16.00
8
0.080
1.17
100
D
594D107(1)016D(2)(3)
16.00
8
0.075
1.41
120
R
594D127(1)016R(2)(3)
19.20
8
0.080
1.77
150
D
594D157(1)016D(2)(3)
24.00
8
0.085
1.33
180
R
594D187(1)016R(2)(3)
28.80
8
0.055
2.13
220
D
594D227(1)016D(2)(3)
35.20
12
0.080
1.37
220
R
594D227(1)016R(2)(3)
35.20
8
0.055
2.13
330
R
594D337(1)016R(2)(3)
52.80
14
0.055
2.13
20 VDC AT +85 °C, 13 VDC AT +125 °C
4.7
B
594D475(1)020B(2)(3)
0.90
6
0.900
0.31
6.8
B
594D685(1)020B(2)(3)
1.40
6
0.900
0.31
10
B
594D106(1)020B(2)(3)
2.00
6
0.850
0.32
22
B
594D226(1)020B(2)(3)
4.40
6
0.600
0.38
22
C
594D226(1)020C(2)(3)
4.40
6
0.150
0.86
47
C
594D476(1)020C(2)(3)
9.40
6
0.140
0.89
47
D
594D476(1)020D(2)(3)
9.40
6
0.095
1.26
68
D
594D686(1)020D(2)(3)
13.60
6
0.132
1.07
100
C
594D107(1)020C(2)(3)
20.00
12
0.120
0.96
100
D
594D107(1)020D(2)(3)
20.00
8
0.085
1.33
120
R
594D127(1)020R(2)(3)
24.00
8
0.080
1.77
150
D
594D157(1)020D(2)(3)
30.00
12
0.100
1.22
25 VDC AT +85 °C, 17 VDC AT +125 °C
3.3
B
594D335(1)025B(2)(3)
0.80
6
1.500
0.24
10
B
594D106(1)025B(2)(3)
2.50
6
0.900
0.31
15
C
594D156(1)025C(2)(3)
3.80
6
0.220
0.71
22
C
594D226(1)025C(2)(3)
5.50
6
0.200
0.74
33
D
594D336(1)025D(2)(3)
8.30
6
0.130
1.07
47
D
594D476(1)025D(2)(3)
11.80
6
0.130
1.07
47
R
594D476(1)025R(2)(3)
11.80
6
0.099
1.59
68
D
594D686(1)025D(2)(3)
17.00
8
0.200
0.87
68
R
594D686(1)025R(2)(3)
17.00
6
0.095
1.62
100
R
594D107(1)025R(2)(3)
25.00
8
0.090
1.67
35 VDC AT +85 °C, 23 VDC AT +125 °C
2.2
B
594D225(1)035B(2)(3)
0.80
6
1.700
0.22
4.7
B
594D475(1)035B(2)(3)
1.60
6
1.400
0.25
6.8
C
594D685(1)035C(2)(3)
2.40
6
0.430
0.51
15
C
594D156(1)035C(2)(3)
5.30
6
0.400
0.52
15
D
594D156(1)035D(2)(3)
5.30
6
0.270
0.75
22
D
594D226(1)035D(2)(3)
7.70
6
0.270
0.75
22
R
594D226(1)035R(2)(3)
7.70
6
0.220
1.07
33
R
594D336(1)035R(2)(3)
11.60
6
0.200
1.12
47
R
594D476(1)035R(2)(3)
16.60
6
0.200
1.12
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Tolerance: for 10 % tolerance, specify “X9”; for 20 % tolerance, change to “X0”
(2) Termination: for 100 % tin specify “2”, for gold plated specify “4”, for solder plated 60/40 specify “8”
(3) Packaging code: for 7" reels specify “T”, for 13" reels specify “W” (13" reel option is not available for case R)
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com