Electronic Components Datasheet Search
  English  ▼

X  

595D Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 595D
Description  Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated, Maximum CV, Low ESR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

595D Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 595D Datasheet HTML 4Page - Vishay Siliconix 595D Datasheet HTML 5Page - Vishay Siliconix 595D Datasheet HTML 6Page - Vishay Siliconix 595D Datasheet HTML 7Page - Vishay Siliconix 595D Datasheet HTML 8Page - Vishay Siliconix 595D Datasheet HTML 9Page - Vishay Siliconix 595D Datasheet HTML 10Page - Vishay Siliconix 595D Datasheet HTML 11Page - Vishay Siliconix 595D Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Conformal Coated Guide
www.vishay.com
Vishay Sprague
Revision: 01-Feb-2024
2
Document Number: 40150
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SOLID ELECTROLYTE TANTALUM CAPACITORS
Solid electrolyte capacitors contain manganese dioxide,
which is formed on the tantalum pentoxide dielectric layer
by impregnating the pellet with a solution of manganous
nitrate. The pellet is then heated in an oven, and the
manganous nitrate is converted to manganese dioxide.
The pellet is next coated with graphite, followed by a layer
of metallic silver, which provides a conductive surface
between the pellet and the can in which it will be enclosed.
After assembly, the capacitors are tested and inspected to
assure long life and reliability. It offers excellent reliability
and high stability for consumer and commercial electronics
with the added feature of low cost.
Surface mount designs of “Solid Tantalum” capacitors use
lead frames or lead frameless designs as shown in the
accompanying drawings.
TANTALUM CAPACITORS FOR ALL DESIGN
CONSIDERATIONS
Solid electrolyte designs are the least expensive for a given
rating and are used in many applications where their very
small size for a given unit of capacitance is of importance.
They will typically withstand up to about 10 % of the rated
DC working voltage in a reverse direction. Also important
are their good low temperature performance characteristics
and freedom from corrosive electrolytes.
Vishay Sprague patented the original solid electrolyte
capacitors and was the first to market them in 1956. Vishay
Sprague has the broadest line of tantalum capacitors and
has continued its position of leadership in this field. Data
sheets covering the various types and styles of Vishay
Sprague capacitors for consumer and entertainment
electronics, industry, and military applications are available
where detailed performance
characteristics
must be
specified.
Note
• For all types of conformal coated capacitors, tantalum wire to
tantalum pellet attachment method could be either embedded
(see images on the left side of the page) or welded (see images
on the right side), depending on specific rating
TYPE 195D, 591D, 592D / 592W, 594D,
595D, 695D, T95, 14002
TYPE 597D / T97 / 13008
Encapsulation
Anode Termination
(Silver + Ni / Sn or
Ni / SnPb Plating)
Cathode Termination
(Silver + Ni / Sn or
Ni / SnPb Plating)
Sintered Tantalum Pellet
MnO
2 / Carbon /
Silver Coating
Sponge Teflon / Epoxy Tower
Encapsulation
Sponge Teflon / Epoxy Tower
Sintered Tantalum
Pellet
MnO
2 / Carbon /
Silver Coating
Silver Epoxy
Anode Termination
(Silver + Ni / Sn or
Ni / SnPb Plating)
Cathode Termination
(Silver + Ni / Sn or
Ni / SnPb Plating)
TYPE 194D
TYPE T96
TYPE T98
Encapsulation
SnPb or Gold Plated Ni Anode
End Cap Termination
Sponge Teflon
Anode Backfill
MnO
2 / Carbon /
Silver Coating
Sintered Tantalum
Pellet
Conductive Silver
Epoxy Adhesive
Cathode
Backfill
SnPb or Gold Plated Ni Cathode
End Cap Termination
Cathode Termination
(Silver + Ni / Sn or
Ni / SnPb Plating)
Encapsulation
Anode Termination
(Silver + Ni / Sn or
Ni / SnPb Plating)
Epoxy Tower /
Sponge Teflon
Sintered Tantalum
Pellet
MnO2 / Carbon /
Silver Coating
Intermediate
Cathode
Silver
Fuse
Cathode Termination
(Silver + Ni / Sn or
Ni / SnPb Plating)
Encapsulation
Anode Termination
(Silver + Ni / Sn or
Ni / SnPb Plating)
Epoxy Tower /
Sponge Teflon
Sintered Tantalum
Pellet
MnO
2 / Carbon /
Silver Coating
Intermediate
Cathode
Silver
Fuse
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com