Electronic Components Datasheet Search
  English  ▼

X  

MPC Datasheet(PDF) 1 Page - IDEM Safety Switches

Part # MPC
Description  Non Contact Coded Safety Switches Operating Instructions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEM-SAFETY [IDEM Safety Switches]
Direct Link  https://idemsafety.com/
Logo IDEM-SAFETY - IDEM Safety Switches

MPC Datasheet(HTML) 1 Page - IDEM Safety Switches

  MPC Datasheet HTML 1Page - IDEM Safety Switches MPC Datasheet HTML 2Page - IDEM Safety Switches  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Non Contact Coded Safety Switches
IMPORTANT NOTE:
Read and understand these instructions before installing, operating, or maintaining this equipment.
The product is designed to be a component of a customized safety oriented control system. It is the responsibility of the user to ensure the correct overall functionality of its systems and machines.
IDEM, its subsidiaries and affiliates, are not in a position to guarantee all of the characteristics of a given system or product not designed by IDEM.
APPLICATION:
Coded Non Contact switches are designed to interlock hinged, sliding or removable guard doors. They are specifically advantageous when:
a)
poor guard alignment exists
b)
anti-tamper is required
c)
high hygiene requirements exist e.g. food industry hose down
d)
a long mechanical life is required (no moving or touching parts).
When used in combination with a Dual Channel Safety Relay or Control Device, Coded Non-Contact Switches can be used to provide protection up to Category 4 and PLe to ISO13849-1.
OPERATION:
All Coded Non-Contact Safety Switches are designed to conform to EN60947-5-3 and be used as directed by ISO14119 and EN ISO12100. They have coded magnetic sensing which provides a wide
sensing distance and provides a high tolerance to misalignment after sensing. They can be fitted behind stainless steel fittings and can operate in extreme environments of temperature and moisture.
IMPORTANT:
The Risk Assessment for the particular application should include the risk of spare actuators. Spare actuators should not be readily available and must be securely controlled.
The safety functions and mechanics must be tested regularly. For applications were infrequent guard access is foreseeable, the system must have a manual function test to detect a possible
accumulation of faults. At least once per month for PLe Cat3/4 or once per year for PLd Cat3 (ISO13849-1). Where possible it is recommended that the control system of the machine demands and
monitors these tests, and stops or prevents the machine from starting if the test is not done. (See ISO14119).
INSTALLATION:
Installation of all Coded Non Contact Switches must be in accordance with a risk assessment for the individual application.
Installation of the devices must be carried out by a competent person with appropriate experience of machine control integration
The use of a Safety Relay or Control Device is required for monitoring Coded switches. These devices monitor 2 redundant circuits as per ISO13849-1 for up to PLe /Category 4 protection.
M4 mounting bolts must be used to fix the switches. (Except RPC / RMC types, these types require fitting through 30.5mm clearance holes. The lock nuts supplied must be used to secure the
switches). Tightening torque for mounting bolts to ensure reliable fixing is 1.0 Nm. Always mount on to Non Ferrous materials. The recommended setting gap is 5mm. The Safety switch must not be
used as a mechanical stop or be adjusted by striking with a hammer. The actuator must not be allowed to strike the switch. Do not mount adjacent switches or actuators closer than 30mm.
Typical misalignment tolerance after setting is 5mm.
After installation always check each switch function by opening and closing each guard individually in turn and ensuring that the Green LED on the switch and the LED’s on the Safety Relay or Control
device are illuminated when the switch is closed and are extinguished when the switch is open. Check that the machine stops and cannot be re-started when each switch is open.
For MPC types, fit the protective screw covers after the final checks have been completed.
ACTUATOR OPERATING DIRECTIONS:
RPC RMC
CPC CMC
MAINTENANCE:
Monthly: Check alignment of actuator and look for signs of mechanical damage to the switch casing. Check wiring for signs of damage.
Check each switch function by opening and closing each guard individually in turn and ensuring that the Green LED on the switch and the appropriate LED’s on the Safety Relay or Control Device
are illuminated when the switch is closed and are extinguished when the switch is open. Check that the machine stops and cannot be re-started when each switch is open.
Never repair any switch, actuator or integral cables. Replace any switch displaying signs of mechanical damage to the casing or cables.
These requirements form part of the product warranty.
MPC MMC
SPC SMC
WPC WMC
LPC LMC
Operating Instructions
MPC
(PLASTIC)
LPC (PLASTIC)
LMC (S/STEEL)
WPC (PLASTIC)
WMC (S/STEEL)
SPC
(PLASTIC)
SMC
(S/STEEL)
SMC-F (S/STEEL)
SMC-H (S/STEEL)
CPC
(PLASTIC)
CMC
(S/STEEL)
CMC-F (S/STEEL)
RPC (PLASTIC)
RMC (S/STEEL)
MMC-H (S/STEEL)
WARNING: DO NOT DEFEAT, TAMPER, OR BYPASS THE SAFETY FUNCTION.
FAILURE TO DO SO CAN RESULT IN DEATH OR SERIOUS INJURY.
AVERTISSMENT: NE PAS DESACTIVER, MODIFIER, RETIRER, OU CONTOURNER
CETI INTERVERROUILLAGE IL PEUT EN RESULTER DES
BLESSURES GRAVES DU PERSONNEL UTILISATEUR.
Original Instructions.
To request this data sheet in other languages please contact info@idemsafety.com
Um dieses Datenblatt in Deutscher Sprache wenden Sie sich bitte anfordern info@idemsafety.com
Pour obtenir cette fiche en Français, veuillez contacter info@idemsafety.com
Para solicitar esta hoja de datos en Español, por favor contacto con info@idemsafety.com


Similar Part No. - MPC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MPC DBLECTRO-MPC Datasheet
178Kb / 2P
Metallized Polyester Film Capacitor (Axial and Oval)
logo
Hammond Manufacturing L...
MPC HAMMOND-MPC Datasheet
60Kb / 1P
Plaque de recouvrement a aimant
logo
RUBYCON CORPORATION
MPC RUBYCON-MPC Datasheet
284Kb / 2P
POWER FILM CAPACITORS
logo
API Technologies Corp
MPC APITECH-MPC Datasheet
142Kb / 2P
61-MPC Series
logo
Neutrik AG
MPC NEUTRIK-MPC Datasheet
6Mb / 24P
Circular Connectors
2019/07-V20
More results

Similar Description - MPC

ManufacturerPart #DatasheetDescription
logo
SICK AG
STR1-SAFF0AC5 SICK-STR1-SAFF0AC5 Datasheet
482Kb / 9P
NON-CONTACT SAFETY SWITCHES
STR1-SAFF10P5 SICK-STR1-SAFF10P5 Datasheet
398Kb / 7P
NON-CONTACT SAFETY SWITCHES
STR1-SAMF0AC5 SICK-STR1-SAMF0AC5 Datasheet
462Kb / 9P
NON-CONTACT SAFETY SWITCHES
STR1-SAMM10P5 SICK-STR1-SAMM10P5 Datasheet
377Kb / 7P
NON-CONTACT SAFETY SWITCHES
STR1-SASM0AC5 SICK-STR1-SASM0AC5 Datasheet
480Kb / 9P
NON-CONTACT SAFETY SWITCHES
TR4-SBM02C SICK-TR4-SBM02C Datasheet
522Kb / 7P
NON-CONTACT SAFETY SWITCHES
TR4-SBU01C SICK-TR4-SBU01C Datasheet
522Kb / 7P
NON-CONTACT SAFETY SWITCHES
TR4-SEM01C SICK-TR4-SEM01C Datasheet
436Kb / 7P
NON-CONTACT SAFETY SWITCHES
TR4-SEM03P SICK-TR4-SEM03P Datasheet
351Kb / 6P
NON-CONTACT SAFETY SWITCHES
TR4-SEM10P SICK-TR4-SEM10P Datasheet
351Kb / 6P
NON-CONTACT SAFETY SWITCHES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com