Electronic Components Datasheet Search
  English  ▼

X  

LPC Datasheet(PDF) 2 Page - IDEM Safety Switches

Part # LPC
Description  Non Contact Coded Safety Switches Operating Instructions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEM-SAFETY [IDEM Safety Switches]
Direct Link  https://idemsafety.com/
Logo IDEM-SAFETY - IDEM Safety Switches

LPC Datasheet(HTML) 2 Page - IDEM Safety Switches

  LPC Datasheet HTML 1Page - IDEM Safety Switches LPC Datasheet HTML 2Page - IDEM Safety Switches  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Non Contact Coded Safety Switches
Quick Connect (QC)
M12 8 way Male Plug
(on Flying Lead 250mm)
(Pin view from switch)
Flying
Lead
Colours
Circuit
(Actuator present)
Output Types
Solid State
8
Orange
Auxiliary (NO or NC)
200mA Max. 24Vdc
5
Brown
Auxiliary (NO or NC)
4
Yellow
NC 2
200mA Max. 24Vdc
6
Green
NC 2
7
Black
NC 1
200mA Max. 24Vdc
1
White
NC 1
2
Red
Supply +24Vdc
+/- 10%
USE SELV / PELV
3
Blue
Supply
0Vdc
Safety Classification and Reliability Data:
ISO 13849-1
PFHd
Proof Test Interval (Life)
MTTFd
Technical Data:
Standards:
Up to PLe Category 4
(if both channels are used with a PLe control device)
2.6 x 10-10 (1/h)
20 years
866 years
ISO14119 EN60947-5-3 EN60204-1 ISO13849-1 UL508
Power consumption
25mA max.
Maximum switched current (outputs)
200mA (minimum internal resistance 8.5ohms)
Dielectric withstand
250V.ac
Insulation Resistance
100 Mohms
Switching distance
Sao 8mm
Sar 20mm
Recommended setting gap
5mm
Tolerance to misalignment
5mm in any direction from 5mm setting gap
Switching frequency
1.0 Hz maximum
Response time (off)
60ms maximum
Approach speed
200mm/m. to 1000mm/s.
Body Material
Plastic (Polyester) or S/Steel 316
Temperature Range
-25/80C Plastic 105C S/Steel for CIP/SIP cleaning
Enclosure Protection
IP67 and IP69K
(QC versions IP67 for connector)
Shock Resistance
IEC 68-2-27 11ms
30g
Vibration Resistance
IEC 68-2-6
10-55 Hz. 1mm
Cable Type
PVC 6mm O.D. Conductors 0.25 sq.mm.
Mounting Bolts
2 x M4
Tightening torque 1.0 Nm
Mounting Position
Any
Single switch to SCR-2 or SCR-3 Safety Relay
CPC CMC CMC-F
LPC LMC
MPC MMC-H
RPC RMC
WPC WMC
Doc: 102505
Feb 2020
CMC-F Rear Fixing Version
has two x M4 x 10 tapped
holes at rear.
For all switches the NC circuits are closed when the guard is closed and the actuator is present.
Information with regard to UL 508:
Type 1 Enclosures. Maximum temperature: 50ºC plastic versions, 70ºC S/Steel versions.
Maximum output 24V.dc 100mA. Powered by Class 2 or equivalent.
Single switch to SCR-21-I or SCR-31-I Safety Relay (Viper range)
Connecting in series to SCR range
MMC-H version has two 5mm
through holes. Hexagon head
bolts can be used for ease of
cleaning.
SMC-F rear fixing version has
two M4 x 10mm tapped holes at
the rear of housings.
SMC-H version has two 5mm
through holes. Hexagon head
bolts can be used for ease of
cleaning.
SPC
SMC
SMC-F SMC-H
IDEM SAFETY SWITCHES Ltd. (U.K.) 2,Ormside Close, Hindley Ind. Est., Hindley Green, Wigan, WN2 4HR Tel: +44 (0)1942 257070 Fax.: +44 (0)1942 257076
email: sales@idemsafety.com
IDEM SAFETY SWITCHES USA, Inc.
2574 S.Beverley St., Suite 104, Boise, ID 83709 Tel: 510-445-0751 Fax: 866-431-7064 email: salesusa@idemsafety.com
Web: www.idemsafety.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com