Electronic Components Datasheet Search
  English  ▼

X  

500028 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 500028
Description  Stereo Hi-Fi Balun
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

500028 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  500028 Datasheet HTML 1Page - List of Unclassifed Manufacturers 500028 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Stereo Hi-Fi Balun
500028
__________________________________________________________________________________
© MuxLab Inc. 2006
Stereo Hi-Fi Balun
MuxLab Inc.
8114 Trans Canada Hwy, St. Laurent, Quebec,
H4S 1M5, Canada
Tel: (+1) 514 905 0588 Fax: (+1) 514 905 0589
Toll Free: 877 689-5228
E-mail: videoease@muxlab.com
URL: www.muxlab.com
Overview
The Stereo Hi-Fi Balun allows unbalanced line
level stereo analogue audio to be transmitted
via Category 5 unshielded copper twisted pair
(UTP) in a point-to-point connection.
The
product is designed for audio applications
where
full-range,
hi-fidelity audio frequency
response is required.
Used in pairs, the Stereo Hi-Fi Balun eliminates
costly and bulky coaxial cable, allowing audio
equipment to be connected or moved within a
structured cabling environment.
Applications
Boardroom
systems,
classroom
training,
auditoriums, custom home installations and
intercom systems.
Features & Benefits
20 Hz to 20 KHz bandwidth
Cost-efficient cabling
Up to 3,250 ft (1km) via Cat 5 UTP
Color-coded RCA cable leads
Quicker moves, adds and changes
Specifications
Environment
Line level unbalanced analogue audio
Devices
DVD players, satellite receivers, MPEG players, laptops, hi-fidelity stereo audio
amplifiers, audio switchers, AV monitors and other line level audio equipment
Transmission
Transparent to the user.
3dB Bandwidth
20 Hz to 20 KHz over the distance range
Maximum Input
1.1Vp-p (unbalanced)
Insertion Loss per balun pair
Less than 2 dB over the frequency range.
Common Mode Rejection
Greater than 60 dB @ 1 KHz
Greater than 40 dB over the frequency and distance range
THD
Maximum 0.007% @ 1 KHz over distance range.
Audio Source Impedance
100 ohms maximum
Audio Receiver Impedance
10 k ohms minimum
Max. Distance – Cat 5 UTP
3,250 ft (1km)
Pin Configuration (RJ45)
EIA 568 A or B
Audio 1 (White): pins 1[R] & 2 [T]
Audio 2 (Red):
pins 3 [R] & 6 [T]
Cable – UTP
24AWG or lower solid copper twisted pair wire
Impedance: 100 ohms at 1 MHz; Maximum capacitance: 20 pf/foot.
Attenuation: 6.6 dB/1000 ft at 1 MHz
Cable – Coax
Shielded audio cable
Connectors
Two (2) RCA-M 6” cable leads
One (1) RJ45
Temperature
Operating: 0º to 55º C. Storage:-20º to 85º C. Humidity: up to 95%
Enclosure
ABS. Fire retardant plastic
Dimensions
2.40” x 2.25” x 1.00” plus 6” audio lead
Weight
3.1 oz (89 gms)
Warranty
Lifetime
Order Information
500028
Stereo Hi-Fi Balun


Similar Part No. - 500028

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5000200C ETC2-5000200C Datasheet
1Mb / 13P
TEST CLIPS INSULATORS
logo
KNIPEX
5000210 KNIPEX-5000210 Datasheet
119Kb / 2P
Carpenters Pincers
05.07.2021
logo
Molex Electronics Ltd.
500024 MOLEX-500024 Datasheet
36Kb / 2P
SlimStack™
03/09/2010
500024-2481 MOLEX-500024-2481 Datasheet
36Kb / 2P
SlimStack™
03/09/2010
500024-6471 MOLEX11-500024-6471 Datasheet
373Kb / 6P
0.40mm (.016") Pitch Board-to-Board SlimStack Receptacle, Surface Mount, Dual Row
More results

Similar Description - 500028

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8421 PHILIPS-TDA8421 Datasheet
294Kb / 26P
Hi-fi stereo audio processor; I2C bus
May 1988
TDA8424 PHILIPS-TDA8424 Datasheet
254Kb / 23P
Hi-Fi stereo audio processor; I2C-bus
September 1992
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8426 PHILIPS-TDA8426 Datasheet
269Kb / 24P
Hi-fi stereo audio processor; I2C-bus
March 1991
logo
STMicroelectronics
TSH511 STMICROELECTRONICS-TSH511_07 Datasheet
1Mb / 25P
Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
12-Nov-2007
TSH512 STMICROELECTRONICS-TSH512_09 Datasheet
1Mb / 31P
Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
28-May-2009
logo
NXP Semiconductors
TDA8425V7 PHILIPS-TDA8425V7 Datasheet
286Kb / 24P
Hi-fi stereo audio processor; I2C-bus
October 1988
logo
Cirrus Logic
WM8956 CIRRUS-WM8956 Datasheet
1Mb / 80P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers
logo
Rohm
BU2682MUV-E2 ROHM-BU2682MUV-E2 Datasheet
41Kb / 2P
Broadcast station-level Hi-Fi stereo
logo
Bookly Micro electronic
BM-TDA1517 BOOKLY-BM-TDA1517 Datasheet
233Kb / 9P
2x6 W Hi-fi stereo power amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com