Electronic Components Datasheet Search
  English  ▼

X  

AP100H03NF2 Datasheet(PDF) 3 Page - A POWER MICROELECTRONICS

Part # AP100H03NF2
Description  30V NN-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP100H03NF2 Datasheet(HTML) 3 Page - A POWER MICROELECTRONICS

  AP100H03NF2 Datasheet HTML 1Page - A POWER MICROELECTRONICS AP100H03NF2 Datasheet HTML 2Page - A POWER MICROELECTRONICS AP100H03NF2 Datasheet HTML 3Page - A POWER MICROELECTRONICS AP100H03NF2 Datasheet HTML 4Page - A POWER MICROELECTRONICS AP100H03NF2 Datasheet HTML 5Page - A POWER MICROELECTRONICS AP100H03NF2 Datasheet HTML 6Page - A POWER MICROELECTRONICS AP100H03NF2 Datasheet HTML 7Page - A POWER MICROELECTRONICS AP100H03NF2 Datasheet HTML 8Page - A POWER MICROELECTRONICS AP100H03NF2 Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP100H03NF2
30V N+N-Channel Enhancement Mode MOSFET
AP100H03NF2 REV1.0
永源微電子科技有限公司
N2:Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
ID = 1mA, VGS = 0V
30
36
V
IDSS
Zero Gate Voltage Drain Current
VDS = 30V, VGS = 0V
1.0
mA
IDSS TJ = 55°C
5.0
IGSS
Gate-Body Leakage Current
VDS = 0V, VGS = ±20V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250mA
1.2
1.7
2.5
V
RDS(ON)
Static Drain-Source ON-Resistance
VGS = 10V, ID = 20A
1.8
2.5
mΩ
VGS = 4.5V, ID = 15A
2.5
4.0
mΩ
gFS
Forward Transconductance
VDS = 5V, ID = 20A
85
S
Ciss
Input Capacitance
VGS = 0V, VDS = 15V, f =
1MHz
2554
pF
Coss
Output Capacitance
924
pF
Crss
Reverse Transfer Capacitance
73
pF
Rg
Gate Resistance
VGS = 0V, VDS= 0V, f = 1MHz
1.4
Ω
Qg
Total Gate Charge
VGS = 0 to 10V
VDS = 15V, ID = 20A
39.1
nC
Qgs
Gate Source Charge
6.7
nC
Qgd
Gate Drain Charge
5.9
nC
tD(on)
Turn-On DelayTime
VGS = 10V, VDS = 15V
RL = 0.75Ω, RGEN = 3Ω
10
ns
tr
Turn-On Rise Time
7.3
ns
tD(off)
Turn-Off DelayTime
38.6
ns
tf
Turn-Off Fall Time
16.4
ns
trr
Body Diode Reverse Recovery Time
IF = 20A, dIF/dt = 100A/us
54
ns
Qrr
Body Diode Reverse Recovery Charge
57
nC
IS
Diode Continuous Current
TC = 25°C
140
A
VSD
Diode Forward Voltage
IS = 1A, VGS = 0V
0.68
1.2
V
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is VDD =32V,VGS =10V,L=0.1mH,IAS =54A
4、The power dissipation is limited by 150℃ junction temperature
5、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com