Electronic Components Datasheet Search
  English  ▼

X  

AP100N03CD Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP100N03CD
Description  30V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP100N03CD Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP100N03CD Datasheet HTML 1Page - A POWER MICROELECTRONICS AP100N03CD Datasheet HTML 2Page - A POWER MICROELECTRONICS AP100N03CD Datasheet HTML 3Page - A POWER MICROELECTRONICS AP100N03CD Datasheet HTML 4Page - A POWER MICROELECTRONICS AP100N03CD Datasheet HTML 5Page - A POWER MICROELECTRONICS AP100N03CD Datasheet HTML 6Page - A POWER MICROELECTRONICS AP100N03CD Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP100N03CD
30V N-Channel Enhancement Mode MOSFET
AP100N03CD REV1.0
永源微電子科技有限公司
Description
The AP100N03CD uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS=30V ID =100A
RDS(ON) < 4.5mΩ @ VGS=10V
(Type:3.6mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP100N03CD
TO-252-3L
AP100N03CD XXXX YYYY
2500
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Source Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
100
A
ID@TC=75℃
Continuous Drain Current, VGS @ 10V1
50
A
IDM
Pulsed Drain Current2
320
A
EAS
Single Pulse Avalanche Energy3
196
mJ
IAS
Avalanche Current
36
A
PD@TC=25℃
Total Power Dissipation4
46
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
62
℃
/W
RθJC
Thermal Resistance Junction-Case1
1.72
℃
/W


Similar Part No. - AP100N03CD

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP100N03AD APME-AP100N03AD Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
AP100N03BD APME-AP100N03BD Datasheet
849Kb / 7P
30V N-Channel Enhancement Mode MOSFET
REV1.1
AP100N03D APME-AP100N03D Datasheet
759Kb / 7P
30V N-Channel Enhancement Mode MOSFET
REV4.2
AP100N03LD APME-AP100N03LD Datasheet
721Kb / 7P
30V N-Channel Enhancement Mode MOSFET
REV1.0
AP100N03NF APME-AP100N03NF Datasheet
846Kb / 7P
30V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP100N03CD

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com