Electronic Components Datasheet Search
  English  ▼

X  

AP100N07D Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP100N07D
Description  68V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP100N07D Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP100N07D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP100N07D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP100N07D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP100N07D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP100N07D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP100N07D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP100N07D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP100N07D
68V N-Channel Enhancement Mode MOSFET
AP100N07D REV1.0
永源微電子科技有限公司
Description
The AP100N07D uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 10V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 68V ID =100A
RDS(ON) < 6.8mΩ @ VGS=10V (Type:5.8mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP100N07D
TO-252-3L
AP100N07D XXX YYYY
2500
Absolute Maximum Ratings@Tj=25oC(unless otherwise specified)
Symbol
Parameter
Value
Unit
VDS
Drain source voltage
68
V
VGS
Gate source voltage
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
100
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
53
A
IDM
Pulsed drain current2)
360
A
IAS
Diode forward current
29
A
PD
Power dissipation
123
W
EAS
Single pulsed avalanche energy)
206
mJ
Tstg
,Tj
Operation and storage temperature
-55 to 150
℃
RθJC
Thermal resistance, junction-case
1.0
℃/W
RθJA
Thermal resistance, junction-ambient4)
62.5
℃/W


Similar Part No. - AP100N07D

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP100N07NF APME-AP100N07NF Datasheet
822Kb / 7P
68V N-Channel Enhancement Mode MOSFET
REV1.0
AP100N07P APME-AP100N07P Datasheet
889Kb / 8P
68V N-Channel Enhancement Mode MOSFET
REV1.0
AP100N07PT APME-AP100N07PT Datasheet
889Kb / 8P
68V N-Channel Enhancement Mode MOSFET
REV1.0
AP100N07T APME-AP100N07T Datasheet
889Kb / 8P
68V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP100N07D

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF6908 GOOD-ARK-SSF6908_15 Datasheet
1Mb / 7P
68V N-Channel MOSFET
SSF6814 GOOD-ARK-SSF6814_15 Datasheet
1Mb / 5P
68V N-Channel MOSFET
SSF6808A GOOD-ARK-SSF6808A_15 Datasheet
1,000Kb / 5P
68V N-Channel MOSFET
SSF6808 GOOD-ARK-SSF6808_15 Datasheet
961Kb / 5P
68V N-Channel MOSFET
SSF6808 GOOD-ARK-SSF6808 Datasheet
961Kb / 5P
68V N-Channel MOSFET
SSF6808A GOOD-ARK-SSF6808A Datasheet
1,000Kb / 5P
68V N-Channel MOSFET
SSF6814 GOOD-ARK-SSF6814 Datasheet
1Mb / 5P
68V N-Channel MOSFET
SSF6908 GOOD-ARK-SSF6908 Datasheet
1Mb / 7P
68V N-Channel MOSFET
SSF7008 GOOD-ARK-SSF7008 Datasheet
1Mb / 7P
68V N-Channel MOSFET
logo
Guangdong Youtai Semico...
SVT078R0ND UMW-SVT078R0ND Datasheet
1,016Kb / 7P
68V N-Channel Power Mosfet
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com