Electronic Components Datasheet Search
  English  ▼

X  

STE2028 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STE2028
Description  162 x 130 RGB single-chip true 262k color LCD controller driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2028 Datasheet(HTML) 2 Page - STMicroelectronics

  STE2028 Datasheet HTML 1Page - STMicroelectronics STE2028 Datasheet HTML 2Page - STMicroelectronics STE2028 Datasheet HTML 3Page - STMicroelectronics STE2028 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STE2028
2/4
Description (continued)
The different shades of gray are achieved with algorithms aimed to minimize the refresh
rate, current consumption and enable the use of new high speed CSTN (Color-Super
Twisted Nematics) fluids. A complete set of digital functions limits the host controller
overhead to manage complex display configurations and fast moving images data transfers
to driver RAM. STE2028 features five standard interfaces (3-lines Serial, 3-lines SPI, 4-lines
SPI, 68000 Parallel & 8080 parallel) for easy of interfacing with the host micro-controller.
Figure 2.
Functional block diagram
Note:
STMicroelectronics is neither licensed nor authorized to license its customers under one or
more patents held by Motif Corporation to use this integrated circuit in the manufacture of
liquid crystal display modules. Such license can be obtained by Motif Corporation.
Table 1.
Key features and benefits
Features
Benefits
Most integrated solution
Only four external caps
Low power solution
Competitive consumption figures
Fully integrated OTP
Flexible and integrated module maker parameter
settings with low area consumption
262k color and 65k color, embedded RAM,
130 RGB x 162
The best solution for low-cost 262k color displays
9-bit 3wires / 8-bit 3&4-wire
serial interfaces
8080&68K Parallel
interfaces
Status
register
Control
register
Display RAM
132rgb x 162 (18 Bits)
Grey levelsgenerators
Column drivers
Clocks
generator
High
voltage
generator
Bias
voltage
generator
MLS
logic
OTP
Instruction decoder
ROW
drivers
Gamma correction
9-bit 3wires / 8-bit 3&4-wire
serial interfaces
8080&68K Parallel
interfaces
Status
register
Control
register
Display RAM
130 rgbx162(18 Bits)
Grey levelsgenerators
Column drivers
Clocks
generator
High
voltage
generator
Bias
voltage
generator
MLS
logic
OTP
Instruction decoder
ROW
drivers
Gamma correction



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com