Electronic Components Datasheet Search
  English  ▼

X  

AP100N08NF Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP100N08NF
Description  85V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP100N08NF Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP100N08NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP100N08NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP100N08NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP100N08NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP100N08NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP100N08NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP100N08NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP100N08NF
85V N-Channel Enhancement Mode MOSFET
AP100N08NF REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
ID = 250mA, VGS = 0V
85
95
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 85V, VGS = 0V
-
-
1.0
mA
IGSS
Gate-Body Leakage Current
VDS = 0V, VGS = ±20V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250mA
2.0
2.9
4.0
V
RDS(ON)
Static Drain-Source ON-Resistance(4)
VGS = 10V, ID = 20A
-
2.9
4.0
mΩ
Rg
Gate Resistance
f = 1MHz
-
2.1
-
Ω
Ciss
Input Capacitance
VGS = 0V, VDS = 50V,
f = 1MHz
-
6142
-
pF
Coss
Output Capacitance
-
1073
-
pF
Crss
Reverse Transfer Capacitance
-
27
-
pF
Qg
Total Gate Charge
VGS = 0 to 10V
VDS = 50V, ID = 20A
-
88
-
nC
Qgs
Gate Source Charge
-
31
-
nC
Qgd
Gate Drain("Miller") Charge
-
18
-
nC
td(on)
Turn-On DelayTime
VGS = 10V, VDD = 50V
ID= 20A, RGEN = 6.2W
-
29
-
ns
tr
Turn-On Rise Time
-
41
-
ns
td(off)
Turn-Off DelayTime
-
69
-
ns
tf
Turn-Off Fall Time
-
44
-
ns
IS
Maximum Continuous Body Diode Forward Current
-
-
175
A
ISM
Maximum Pulsed Body Diode Forward Current
-
-
699
A
VSD
Body Diode Forward Voltage
VGS = 0V, IS = 20A
-
1.2
V
trr
Body Diode Reverse Recovery Time
IF = 20A, di/dt = 100A/us
60
84
113
ns
Qrr
Body Diode Reverse Recovery Charge
-
240
-
nC
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width .The EAS data shows Max. rating .
3、The test cond≦ 300us duty cycle ≦ 2%, duty cycle ition is VDD=64VGS=10V,L=0.1mH,IAS=53.8A
4、The power dissipation is limited by 175℃ junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com