Electronic Components Datasheet Search
  English  ▼

X  

CD4049UBDR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD4049UBDR
Description  CD4049UB and CD4050B CMOS Hex Inverting Buffer and Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4049UBDR Datasheet(HTML) 2 Page - Texas Instruments

  CD4049UBDR Datasheet HTML 1Page - Texas Instruments CD4049UBDR Datasheet HTML 2Page - Texas Instruments CD4049UBDR Datasheet HTML 3Page - Texas Instruments CD4049UBDR Datasheet HTML 4Page - Texas Instruments CD4049UBDR Datasheet HTML 5Page - Texas Instruments CD4049UBDR Datasheet HTML 6Page - Texas Instruments CD4049UBDR Datasheet HTML 7Page - Texas Instruments CD4049UBDR Datasheet HTML 8Page - Texas Instruments CD4049UBDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics: DC..................................... 5
6.6 Electrical Characteristics: AC......................................9
6.7 Typical Characteristics.............................................. 10
7 Parameter Measurement Information.......................... 11
7.1 Test Circuits...............................................................11
8 Detailed Description......................................................13
8.1 Overview................................................................... 13
8.2 Functional Block Diagram......................................... 13
8.3 Feature Description...................................................13
8.4 Device Functional Modes..........................................14
9 Application and Implementation.................................. 15
9.1 Application Information............................................. 15
9.2 Typical Application.................................................... 15
10 Power Supply Recommendations..............................16
11 Layout........................................................................... 16
11.1 Layout Guidelines................................................... 16
11.2 Layout Example...................................................... 16
12 Device and Documentation Support..........................17
12.1 Documentation Support.......................................... 17
12.2 Related Links.......................................................... 17
12.3 Receiving Notification of Documentation Updates..17
12.4 Support Resources................................................. 17
12.5 Trademarks.............................................................17
12.6 Electrostatic Discharge Caution..............................17
12.7 Glossary..................................................................17
13 Mechanical, Packaging, and Orderable
Information.................................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision J (September 2016) to Revision K (June 2020)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Updated Device Information Table with correct package dimensions................................................................ 1
Changes from Revision I (May 2004) to Revision J (September 2016)
Page
• Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section................... 1
• Deleted Ordering Information table; see POA at the end of the data sheet....................................................... 1
• Changed Storage temperature minimum value from 65 to –65..........................................................................4
• Changed RθJA values for the CD4049UB device: D (SOIC) from 73 to 81.6, DW (SOIC) from 57 to 81.6, E
(PDIP) from 67 to 49.5, NS (SO) from 64 to 84.3, and PW (TSSOP) from 108 to 108.9................................... 5
• Changed RθJA values for the CD4050B device: D (SOIC) from 73 to 81.6, DW (SOIC) from 57 to 81.2, E
(PDIP) from 67 to 49.7, NS (SO) from 64 to 83.8, and PW (TSSOP) from 108 to 108.4................................... 5
CD4049UB, CD4050B
SCHS046K – AUGUST 1998 – REVISED JUNE 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CD4049UB CD4050B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com