Electronic Components Datasheet Search
  English  ▼

X  

AP85N08BP Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP85N08BP
Description  80V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP85N08BP Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP85N08BP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP85N08BP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP85N08BP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP85N08BP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP85N08BP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP85N08BP Datasheet HTML 6Page - A POWER MICROELECTRONICS AP85N08BP Datasheet HTML 7Page - A POWER MICROELECTRONICS AP85N08BP Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP85N08BPIT
80V N-Channel Enhancement Mode MOSFET
AP85N08BPIT RVE1.1
永源微電子科技有限公司
Description
The AP85N08BP/T uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 10V.
This device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 80V ID =85A
RDS(ON) < 8.5mΩ VGS=10V (
Type:6.5mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP85N08BP
TO-220-3L
AP85N08BP XXX YYYY
1000
AP85N08BT
TO-263-3L
AP85N08BT XXX YYYY
800
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Value
Unit
VDS
Drain-Source Voltage (VGS=0V)
80
V
VGS
Gate-Source Voltage (VDS=0V)
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
85
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
55
A
IDM
Drain Current-Continuous@ Current-Pulsed
300
A
PD@TC=25℃
Maximum Power Dissipation(Tc=25℃)
133
W
EAS
Single pulse avalanche energy
550
mJ
Tstg,Tj
Operation and storage temperature
-55 to 150
℃
RθJC
Thermal Resistance Junction-Case
0.94
℃
/W
RθJA
Thermal Resistance Junction-Ambient
62.5
℃
/W


Similar Part No. - AP85N08BP

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP85N08NF APME-AP85N08NF Datasheet
766Kb / 7P
85V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP85N08BP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT8012LK3 DIODES-DMT8012LK3 Datasheet
605Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT8012LSS DIODES-DMT8012LSS Datasheet
538Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMT8012LK3 DIODES-DMT8012LK3_17 Datasheet
508Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMT8012LPS DIODES-DMT8012LPS_17 Datasheet
554Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
Pan Jit International I...
PJU60N08 PANJIT-PJU60N08 Datasheet
333Kb / 8P
80V N-Channel Enhancement Mode MOSFET
January 16,2017-REV.00
PSMB032N08NS1 PANJIT-PSMB032N08NS1 Datasheet
672Kb / 7P
80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMB032N08NS1-REV.00
PSMP032N08NS1 PANJIT-PSMP032N08NS1 Datasheet
579Kb / 7P
80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMP032N08NS1-REV.00
PSMP055N08NS1 PANJIT-PSMP055N08NS1 Datasheet
575Kb / 7P
80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMP055N08NS1-REV.00
logo
Diodes Incorporated
DMT8008LFG DIODES-DMT8008LFG Datasheet
415Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
September 2019 Rev. 2 - 2
DMT8008SPS DIODES-DMT8008SPS Datasheet
382Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
January 2019 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com