Electronic Components Datasheet Search
  English  ▼

X  

AP85N10D Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP85N10D
Description  100V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP85N10D Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP85N10D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP85N10D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP85N10D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP85N10D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP85N10D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP85N10D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP85N10D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP85N10D
100V N-Channel Enhancement Mode MOSFET
AP85N10D REV1.0
永源微電子科技有限公司
Description
The AP85N10D uses advanced APM-SGTⅠⅠ technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 100V ID =85A
RDS(ON) < 8.8mΩ @ VGS=10V (Type:7.2mΩ)
Application
DC/DC Converter
LED Backlighting
Power Management Switches
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP85N10D
TO-252-3L
AP85N10D XXX YYYY
2500
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
100
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Continuous Drain Current, VGS @ 10V
85
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
49
A
IDM
Pulsed Drain Current
260
A
EAS
Single Pulse Avalanche Energy
24
mJ
IAS
Avalanche Current
24
A
PD@TC=25
℃
Total Power Dissipation4
86
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient
62.5
℃/W
RθJC
Thermal Resistance Junction-Case
1.5
℃
/W


Similar Part No. - AP85N10D

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP85N10F APME-AP85N10F Datasheet
1Mb / 9P
100V N-Channel Enhancement Mode MOSFET
REV1.0
AP85N10NF APME-AP85N10NF Datasheet
1Mb / 7P
100V N-Channel Enhancement Mode MOSFET
REV1.0
AP85N10P APME-AP85N10P Datasheet
1Mb / 9P
100V N-Channel Enhancement Mode MOSFET
REV1.0
AP85N10T APME-AP85N10T Datasheet
1Mb / 9P
100V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP85N10D

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
JANUARY 2005
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 7
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
SHIKUES Electronics
SK2328N3 SKTECHNOLGY-SK2328N3 Datasheet
1Mb / 6P
100V N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMTL5N10 LEIDITECH-LMTL5N10 Datasheet
6Mb / 5P
100V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com