Electronic Components Datasheet Search
  English  ▼

X  

AP85N10F Datasheet(PDF) 5 Page - A POWER MICROELECTRONICS

Part # AP85N10F
Description  100V N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP85N10F Datasheet(HTML) 5 Page - A POWER MICROELECTRONICS

  AP85N10F Datasheet HTML 1Page - A POWER MICROELECTRONICS AP85N10F Datasheet HTML 2Page - A POWER MICROELECTRONICS AP85N10F Datasheet HTML 3Page - A POWER MICROELECTRONICS AP85N10F Datasheet HTML 4Page - A POWER MICROELECTRONICS AP85N10F Datasheet HTML 5Page - A POWER MICROELECTRONICS AP85N10F Datasheet HTML 6Page - A POWER MICROELECTRONICS AP85N10F Datasheet HTML 7Page - A POWER MICROELECTRONICS AP85N10F Datasheet HTML 8Page - A POWER MICROELECTRONICS AP85N10F Datasheet HTML 9Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AP85N10FIPIT
100V N-Channel Enhancement Mode MOSFET
AP85N10F/P/T REV1.0
永源微電子科技有限公司
Package Mechanical Data:TO-220F-3L
Symbol
Dim in mm
Min
Typ
Max
A
4.5
4.7
5.0
A1
2.34
2.54
2.84
A2
2.4
2.9
3.4
b
0.7
0.8
0.95
b1
1.05
1.35
1.55
c
0.4
0.5
0.65
D
15.57
15.87
16.17
H
6.7REF
E
9.86
10.16
10.46
e
2.54BSC
e1
5.08BSC
L
12.65
12.98
13.3
L1
2.78
3.08
3.38
F
3.15
3.3
3.55
ϕ
3
3.3
3.65



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com