Electronic Components Datasheet Search
  English  ▼

X  

AP90N06F Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP90N06F
Description  60V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP90N06F Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP90N06F Datasheet HTML 1Page - A POWER MICROELECTRONICS AP90N06F Datasheet HTML 2Page - A POWER MICROELECTRONICS AP90N06F Datasheet HTML 3Page - A POWER MICROELECTRONICS AP90N06F Datasheet HTML 4Page - A POWER MICROELECTRONICS AP90N06F Datasheet HTML 5Page - A POWER MICROELECTRONICS AP90N06F Datasheet HTML 6Page - A POWER MICROELECTRONICS AP90N06F Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
60V N-Channel Enhancement Mode MOSFET
永源微電子科技有限公司
Description
The AP90N06F uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 10V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 60V ID =90A
RDS(ON) < 7.0mΩ @ VGS=10V (Type:5.8mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP90N06F
TO-220F-3L
AP90N06F XXX YYYY
1000
Absolute Maximum Ratings@Tj=25oC(unless otherwise specified)
Symbol
Parameter
Value
Unit
VDS
Drain source voltage
60
V
VGS
Gate source voltage
±20
V
ID
Continuous drain current1)
90
A
IDM
Pulsed drain current2)
320
A
IS
Diode forward current
37
A
ISP
Pulsed source current
210
A
PD
Power dissipation
108
W
EAS
Single pulsed avalanche energy)
205.4
mJ
Tstg
,Tj
Operation and storage temperature
-55 to 150
℃
RθJC
Thermal resistance, junction-case
1.4
℃/W
RθJA
Thermal resistance, junction-ambient4)
62
℃/W
AP90N06F
AP90N06F RVE1.0


Similar Part No. - AP90N06F

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP90N06D APME-AP90N06D Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode MOSFET
AP90N06NF APME-AP90N06NF Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode MOSFET
AP90N06P APME-AP90N06P Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode MOSFET
AP90N06PT APME-AP90N06PT Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode MOSFET
AP90N06T APME-AP90N06T Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode MOSFET
More results

Similar Description - AP90N06F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
60V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com