Electronic Components Datasheet Search
  English  ▼

X  

ISL1571IRZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL1571IRZ
Description  Power Line Communication (PLC)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL1571IRZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL1571IRZ Datasheet HTML 6Page - Renesas Technology Corp ISL1571IRZ Datasheet HTML 7Page - Renesas Technology Corp ISL1571IRZ Datasheet HTML 8Page - Renesas Technology Corp ISL1571IRZ Datasheet HTML 9Page - Renesas Technology Corp ISL1571IRZ Datasheet HTML 10Page - Renesas Technology Corp ISL1571IRZ Datasheet HTML 11Page - Renesas Technology Corp ISL1571IRZ Datasheet HTML 12Page - Renesas Technology Corp ISL1571IRZ Datasheet HTML 13Page - Renesas Technology Corp ISL1571IRZ Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ISL1571
4. Product Description
FN6387 Rev.3.00
Page 10 of 14
Nov.7.19
4.7
PLC Modem Applications
The ISL1571 is designed as a line driver for PLC modems. It is capable of outputting 450mA of output current with
a typical supply voltage headroom of 1.3V. It can achieve -85dBc of distortion at low 7.1mA of supply current per
amplifier.
The average line power requirement for the PLC application is 13dBm (20mW) into a 100Ω line. The average line
voltage is 1.41VRMS. Using a differential drive configuration and transformer coupling with standard back
termination, a transformer ratio of 1:2 is selected. The circuit configuration is shown in Figure 23.
Figure 23. Circuit Configuration
-
+
-
+
TX1
1:2
12.5
12.5
750
750
250
Ω
AFE
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com