Electronic Components Datasheet Search
  English  ▼

X  

TLE206XB Datasheet(PDF) 41 Page - Texas Instruments

Part # TLE206XB
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE uPOWER OPERATIONAL AMPLIFIERS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE206XB Datasheet(HTML) 41 Page - Texas Instruments

Back Button TLE206XB Datasheet HTML 37Page - Texas Instruments TLE206XB Datasheet HTML 38Page - Texas Instruments TLE206XB Datasheet HTML 39Page - Texas Instruments TLE206XB Datasheet HTML 40Page - Texas Instruments TLE206XB Datasheet HTML 41Page - Texas Instruments TLE206XB Datasheet HTML 42Page - Texas Instruments TLE206XB Datasheet HTML 43Page - Texas Instruments TLE206XB Datasheet HTML 44Page - Texas Instruments TLE206XB Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 78 page
background image
TLE206x, TLE206xA, TLE206xB
EXCALIBUR JFET INPUT HIGHOUTPUT DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS193B − FEBRUARY 1997 − REVISED MAY 2004
41
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLE2064M electrical characteristics at specified free-air temperature, VCC± = ±5 V (unless
otherwise noted) continued)
PARAMETER
TEST CONDITIONS
TA†
TLE2064M
TLE2064AM
TLE2064BM
UNIT
A
MIN
TYP
MAX
VO = 0 to 2 V,
RL = 100 Ω
25
°C
0.75
45
A VD
Large-signal differential voltage
D and N
VO = 0 to 2 V,
RL = 100 Ω
Full range
0.25
V/mV
A VD
Large-signal differential voltage
amplification
D and N
packages
VO = 0 to − 2 V, RL = 100 Ω
25
°C
0.4
3
V/mV
amplification
packages
VO = 0 to − 2 V, RL = 100 Ω
Full range
0.15
ri
Input resistance
25
°C
1012
ci
Input capacitance
25
°C
4
pF
zo
Open-loop output impedance
IO = 0
25
°C
560
CMRR
Common-mode rejection ratio
VIC = VICRmin, RS = 50 Ω
25
°C
65
82
dB
CMRR
Common-mode rejection ratio
VIC = VICRmin, RS = 50 Ω
Full range
60
dB
kSVR
Supply-voltage rejection ratio (
∆VCC /∆VIO)
VCC± = ±5 V to ±15 V,
25
°C
75
93
dB
kSVR
Supply-voltage rejection ratio (
∆VCC± /∆VIO)
VCC± = ±5 V to ±15 V,
RS = 50 Ω
Full range
65
dB
ICC
Supply current (four amplifiers)
25
°C
1.12
1.3
mA
ICC
Supply current (four amplifiers)
VO = 0,
No load
Full range
1.3
mA
∆ICC
Supply-current change over operating
temperature range (four amplifiers)
VO = 0,
No load
Full range
144
µA
VO1/VO2 Crosstalk attenuation
AVD = 1000,
f = 1 kHz
25
°C
120
dB
† Full range is − 55°C to 125°C.
TLE2064M operating characteristics, VCC± = ±5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLE2064M
TLE2064AM
TLE2064BM
UNIT
MIN
TYP
MAX
SR
Slew rate at unity gain (see Figure 1)
RL = 10 kΩ,
CL = 100 pF
3.4
V/
µs
Vn
Equivalent input noise voltage (see Figure 2)
f = 10 Hz,
RS = 20 Ω
59
nV/
√Hz
Vn
Equivalent input noise voltage (see Figure 2)
f = 1 kHz ,
RS = 20 Ω
43
nV/
√Hz
VN(PP)
Peak-to-peak equivalent input noise voltage
f = 0.1 Hz to 10 Hz
1.1
µV
In
Equivalent input noise current
f = 1 kHz
1
fA/
√Hz
THD
Total harmonic distortion
A VD = 2,
f = 10 kHz,
0.025%
THD
Total harmonic distortion
A VD = 2,
VO(PP) = 2 V,
f = 10 kHz,
RL = 10 kΩ
0.025%
B1
Unity-gain bandwidth (see Figure 3)
RL = 10 kΩ,
CL = 100 pF
1.8
MHz
B1
Unity-gain bandwidth (see Figure 3)
RL = 600 Ω,
CL = 100 pF
1.3
MHz
ts
Settling time
ε = 0.1%
5
s
ts
Settling time
ε = 0.01%
10
µs
BOM
Maximum output-swing bandwidth
A VD = 1,
RL = 10 kΩ
140
kHz
φm
Phase margin at unity gain (see Figure 3)
RL = 10 kΩ,
CL = 100 pF
58
°
φm
Phase margin at unity gain (see Figure 3)
RL = 600 Ω,
CL = 100 pF
75
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com